Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2045CTP Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR2045CTP
Description  SWITCHMODEE TM Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2045CTP Datasheet(HTML) 3 Page - ON Semiconductor

  MBR2045CTP Datasheet HTML 1Page - ON Semiconductor MBR2045CTP Datasheet HTML 2Page - ON Semiconductor MBR2045CTP Datasheet HTML 3Page - ON Semiconductor MBR2045CTP Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR2045CTP
http://onsemi.com
3
Figure 5. Current Derating, Case, Per Diode
TC, CASE TEMPERATURE (°C)
18
12
135
130
Figure 6. Forward Power Dissipation, Per Diode
145
140
150
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
2
1
4
0
0
8
618
10
2
155
10
4
3
5
7
6
10
8
6
4
2
0
RATED
VOLTAGE
APPLIED
dc
SQUARE WAVE
12
dc
SQUARE WAVE
14
16
14
16
8
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com