Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST50V10200 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST50V10200
Description  RF power LDMOS transistor for frequencies up to 1.5 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST50V10200 Datasheet(HTML) 5 Page - STMicroelectronics

  ST50V10200 Datasheet HTML 1Page - STMicroelectronics ST50V10200 Datasheet HTML 2Page - STMicroelectronics ST50V10200 Datasheet HTML 3Page - STMicroelectronics ST50V10200 Datasheet HTML 4Page - STMicroelectronics ST50V10200 Datasheet HTML 5Page - STMicroelectronics ST50V10200 Datasheet HTML 6Page - STMicroelectronics ST50V10200 Datasheet HTML 7Page - STMicroelectronics ST50V10200 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Table 7. 0.230 x 0.650 WIDE 4/L BAL N/HERM W/FLG M246 mechanical data
Symbol
Milimeters
Min.
Typ.
Max.
A
5.33
5.59
B
6.48
6.73
C
17.27
18.29
D
5.72
5.97
E
22.86
F
28.83
29.08
G
16.26
16.76
H
4.19
5.08
I
0.08
0.15
J
1.83
2.24
K
1.40
1.65
L
3.18
3.43
ST50V10200
0.230 x 0.650 WIDE 4/L BAL N/HERM W/FLG M246 package information
DS12765 - Rev 2
page 5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com