Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1P35S12M3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # A1P35S12M3
Description  ACEPACKTM 1 sixpack topology, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A1P35S12M3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A1P35S12M3 Datasheet HTML 4Page - STMicroelectronics A1P35S12M3 Datasheet HTML 5Page - STMicroelectronics A1P35S12M3 Datasheet HTML 6Page - STMicroelectronics A1P35S12M3 Datasheet HTML 7Page - STMicroelectronics A1P35S12M3 Datasheet HTML 8Page - STMicroelectronics A1P35S12M3 Datasheet HTML 9Page - STMicroelectronics A1P35S12M3 Datasheet HTML 10Page - STMicroelectronics A1P35S12M3 Datasheet HTML 11Page - STMicroelectronics A1P35S12M3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Figure 13. Diode reverse recovery energy vs gate
resistance
IGBT230820171158RRE
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
20
40
60
80
Erec
(mJ)
RG (Ω)
TJ = 150 °C
TJ = 25 °C
VCE = 600 V, IF = 35 A, VGE = ±15 V
Figure 14. Inverter diode thermal impedance
IGBT230820171500MT
10 0
10 -1
10 -3
10 -2
10 -1
10 0
Zth(°C/W)
t (s)
Zth (typ.) JH
Zth (max.) JC
JC
i
1
2
3
4
ri (˚C/W)
0.1372
0.4030
0.2525
0.1034
τi(s)
JH
i
ri (˚C/W)
0.1497
0.4233
0.7016
0.2714
τi(s)
0.0919
0.4067
0.0009
0.0090
0.0513
0.3253
0.0011
0.0154
1
2
3
4
RC - Foster thermal network
RC - Foster thermal network
Figure 15. IGBT thermal impedance
IGBT230820171153MT
10 0
10 -1
10 -3
10 -2
10 -1
10 0
Zth(°C/W)
t (s)
Zth (typ.) JH
Zth (max.) JC
JC
i
1
2
3
4
ri (˚C/W)
0.0619
0.3073 0.1502 0.0784
τi(s)
0.3556
JH
i
ri (˚C/W)
0.0604
0.3088 0.5759 0.3016
τi(s)
0.0005
0.0152 0.0939 0.3964
0.0005
0.0103 0.0613
1
2
3
4
RC - Foster thermal network
RC - Foster thermal network
A1P35S12M3
Electrical characteristics (curves)
DS11635 - Rev 5
page 8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com