Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1P35S12M3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # A1P35S12M3
Description  ACEPACKTM 1 sixpack topology, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A1P35S12M3 Datasheet(HTML) 1 Page - STMicroelectronics

  A1P35S12M3 Datasheet HTML 1Page - STMicroelectronics A1P35S12M3 Datasheet HTML 2Page - STMicroelectronics A1P35S12M3 Datasheet HTML 3Page - STMicroelectronics A1P35S12M3 Datasheet HTML 4Page - STMicroelectronics A1P35S12M3 Datasheet HTML 5Page - STMicroelectronics A1P35S12M3 Datasheet HTML 6Page - STMicroelectronics A1P35S12M3 Datasheet HTML 7Page - STMicroelectronics A1P35S12M3 Datasheet HTML 8Page - STMicroelectronics A1P35S12M3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ACEPACK™ 1
Features
•
ACEPACK™ 1 power module
–
DBC Cu Al2O3 Cu
•
Sixpack topology
–
1200 V, 35 A IGBTs and diodes
–
Soft and fast recovery diode
•
Integrated NTC
Applications
•
Inverters
•
Industrial
•
Motor drives
Description
This power module is a sixpack topology in an ACEPACK™ 1 package with NTC,
integrating the advanced trench gate field-stop technologies from
STMicroelectronics. This new IGBT technology represents the best compromise
between conduction and switching loss, to maximize the efficiency of any converter
system up to 20 kHz.
Product status
A1P35S12M3
Product summary
Order code
A1P35S12M3
Marking
A1P35S12M3
Package
ACEPACK™ 1
Leads type
Solder contact pins
ACEPACK™ 1 sixpack topology, 1200 V, 35 A,
trench gate field
‑stop M series IGBT with soft diode and NTC
A1P35S12M3
Datasheet
DS11635 - Rev 5 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - A1P35S12M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1P35S12M3-F STMICROELECTRONICS-A1P35S12M3-F Datasheet
949Kb / 16P
ACEPACKTM 1 sixpack topology, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
More results

Similar Description - A1P35S12M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1C15S12M3-F STMICROELECTRONICS-A1C15S12M3-F Datasheet
963Kb / 20P
ACEPACKTM 1 converter inverter brake, 1200 V, 15 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A1C15S12M3 STMICROELECTRONICS-A1C15S12M3 Datasheet
823Kb / 19P
ACEPACKTM 1 converter inverter brake, 1200 V, 15 A, trench gate field‑stop M series IGBT with soft diode and NTC
17-Oct-2018
A1P25S12M3-F STMICROELECTRONICS-A1P25S12M3-F Datasheet
960Kb / 16P
ACEPACKTM 1 sixpack topology, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A1P25S12M3 STMICROELECTRONICS-A1P25S12M3 Datasheet
806Kb / 15P
ACEPACKTM 1 sixpack topology, 1200 V, 25 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A1P35S12M3-F STMICROELECTRONICS-A1P35S12M3-F Datasheet
949Kb / 16P
ACEPACKTM 1 sixpack topology, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A1P50S65M2-F STMICROELECTRONICS-A1P50S65M2-F Datasheet
945Kb / 15P
ACEPACKTM 1 sixpack topology, 650 V, 50 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A1P50S65M2 STMICROELECTRONICS-A1P50S65M2 Datasheet
791Kb / 14P
ACEPACKTM 1 sixpack topology, 650 V, 50 A, trench gate field‑stop M series IGBT with soft diode and NTC
14-Nov-2018
A2C35S12M3-F STMICROELECTRONICS-A2C35S12M3-F Datasheet
1Mb / 19P
ACEPACKTM 2 converter inverter brake, 1200 V, 35 A, trench gate field‑stop M series IGBT with soft diode and NTC
A2P75S12M3-F STMICROELECTRONICS-A2P75S12M3-F Datasheet
868Kb / 14P
ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
A2P75S12M3 STMICROELECTRONICS-A2P75S12M3 Datasheet
709Kb / 13P
ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com