Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2P75S12M3-F Datasheet(PDF) 5 Page - STMicroelectronics

Part # A2P75S12M3-F
Description  ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2P75S12M3-F Datasheet(HTML) 5 Page - STMicroelectronics

  A2P75S12M3-F Datasheet HTML 1Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 2Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 3Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 4Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 5Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 6Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 7Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 8Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1.4
Package
Table 6. ACEPACK™ 2 package
Symbol
Parameter
Min.
Typ.
Max.
Unit
Visol
Isolation voltage (AC voltage, t = 60 s)
2500
Vrms
Tstg
Storage temperature
-40
125
°C
CTI
Comparative tracking index
200
Ls
Stray inductance module P1 - EW loop
33.5
nH
Rs
Module single lead resistance, terminal to chip
3.6
mΩ
A2P75S12M3-F
Package
DS11656 - Rev 5
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com