Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2P75S12M3-F Datasheet(PDF) 13 Page - STMicroelectronics

Part # A2P75S12M3-F
Description  ACEPACKTM 2 sixpack topology, 1200 V, 75 A trench gate field-stop IGBT M series, soft diode and NTC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A2P75S12M3-F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A2P75S12M3-F Datasheet HTML 6Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 7Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 8Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 9Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 10Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 11Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 12Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 13Page - STMicroelectronics A2P75S12M3-F Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Revision history
Table 7. Document revision history
Date
Revision
Changes
19-May-2016
1
Initial release.
24-May-2016
2
Updated Table 5: "Electrical characteristics of the diode".
24-Oct-2017
3
Updated Section 1: "Electrical ratings", Section 2: "Electrical
characteristics curves" and Section 5: "Package information".
Minor text changes.
20-Mar-2018
4
Removed maturity status indication from cover page. The document status is production data.
Updated features in cover page, Section 1.1 IGBT, Section 1.2 Diode, Section 1.4 Package,
Section 2 Electrical characteristics curves and Section 5.1 ACEPACK™ 2 sixpack press fit
contact pins package information.
Minor text changes.
16-Jan-2019
5
Added Figure 6.
Minor text changes.
A2P75S12M3-F
DS11656 - Rev 5
page 13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com