Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STIB1060DM2T-L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STIB1060DM2T-L
Description  SLLIMM™ - 2nd series IPM, 3-phase inverter, 0.18 Ω typ., 10 A, 600 V Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIB1060DM2T-L Datasheet(HTML) 1 Page - STMicroelectronics

  STIB1060DM2T-L Datasheet HTML 1Page - STMicroelectronics STIB1060DM2T-L Datasheet HTML 2Page - STMicroelectronics STIB1060DM2T-L Datasheet HTML 3Page - STMicroelectronics STIB1060DM2T-L Datasheet HTML 4Page - STMicroelectronics STIB1060DM2T-L Datasheet HTML 5Page - STMicroelectronics STIB1060DM2T-L Datasheet HTML 6Page - STMicroelectronics STIB1060DM2T-L Datasheet HTML 7Page - STMicroelectronics STIB1060DM2T-L Datasheet HTML 8Page - STMicroelectronics STIB1060DM2T-L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SDIP2B-26L type L
Marking area
Features
•
IPM 10 A, 600 V, 3-phase MOSFET inverter bridge including 2 control ICs for
gate driving
•
3.3 V, 5 V TTL/CMOS inputs with hysteresis
•
Internal bootstrap diode
•
Undervoltage lockout of gate drivers
•
Smart shutdown function
•
Short-circuit protection
•
Shutdown input/fault output
•
Separate open-source outputs
•
Built-in temperature sensor
•
Comparator for fault protection
•
Fast, soft recovery diodes
•
85 kΩ NTC, UL 1434, CA 4 recognized
•
Fully isolated package
•
Isolation rating of 1500 Vrms/min
•
UL recognition: UL 1557, file E81734
Applications
•
3-phase inverters for motor drives
•
Linear and BLDC compressor
•
Aircon
Description
This new IPM, belonging to the second series of SLLIMM (small low-loss intelligent
molded module), provides a compact, high-performance AC motor drive in a simple,
rugged design.
It combines new ST proprietary control ICs with the high-voltage N-channel super-
junction MDMesh™ DM2, providing fast-recovery diode series to increase efficiency
and minimize EMI and overall losses, making it ideal for any high-efficiency converter
and 3-phase inverter system. SLLIMM™ is a trademark of STMicroelectronics.
Product status link
STIB1060DM2T-L
Product summary
Order code
STIB1060DM2T-L
Marking
IB1060DM2T-L
Package
SDIP2B-26L type L
Packing
Tube
SLLIMM™ - 2nd series IPM, 3-phase inverter, 0.18 Ω typ., 10 A, 600 V
Power MOSFET
STIB1060DM2T-L
Datasheet
DS12121 - Rev 2 - July 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STIB1060DM2T-L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIB1060DM2T-LZ STMICROELECTRONICS-STIB1060DM2T-LZ Datasheet
785Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 180 mΩ typ., 10 A, 600 V Power MOSFET
02-Mar-2022
More results

Similar Description - STIB1060DM2T-L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIF7CH60TS-L STMICROELECTRONICS-STGIF7CH60TS-L Datasheet
491Kb / 25P
SLLIMM™- 2nd series IPM, 3-phase inverter, 10 A, 600 V short-circuit rugged IGBTs
22-Dec-2015
STIB1060DM2T-LZ STMICROELECTRONICS-STIB1060DM2T-LZ Datasheet
785Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 180 mΩ typ., 10 A, 600 V Power MOSFET
02-Mar-2022
STIB1560DM2-L STMICROELECTRONICS-STIB1560DM2-L Datasheet
864Kb / 22P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
25-Jul-2019
STIB1560DM2T-L STMICROELECTRONICS-STIB1560DM2T-L Datasheet
932Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
10-Jul-2019
STIB1560DM2T-LZ STMICROELECTRONICS-STIB1560DM2T-LZ Datasheet
801Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 0.15 Ω typ., 15 A, 600 V Power MOSFET
03-Nov-2020
STGIF7CH60S-X STMICROELECTRONICS-STGIF7CH60S-X Datasheet
881Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
14-Feb-2022
STGIF7CH60TS-LZ STMICROELECTRONICS-STGIF7CH60TS-LZ Datasheet
933Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
STGIF7CH60TS-X STMICROELECTRONICS-STGIF7CH60TS-X Datasheet
571Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
03-Jun-2021
STGIF7CH60TS-XZ STMICROELECTRONICS-STGIF7CH60TS-XZ Datasheet
596Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 10 A, 600 V, short‑circuit rugged IGBT
14-Feb-2022
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
05-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com