Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L02AS4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LIS3L02AS4
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4 Datasheet(HTML) 4 Page - STMicroelectronics

  LIS3L02AS4 Datasheet HTML 1Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 2Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 3Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 4Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 5Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LIS3L02AS4
4/14
Table 4. Electrical Characteristics1
(Temperature range -40°C to +85°C) All the parameters are specified @ Vdd =3.3V, T=25°C unless oth-
erwise noted
Notes: 1. The product is factory calibrated at 3.3V.
2. Typical specifications are not guaranteed
3. Minimum resonance frequency Fres=1.5kHz. Sensor bandwidth=1/(2*
π*110KΩ*Cload) with Cload>1nF
3
Absolute Maximum Rating
Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device under these conditions is not implied.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 5. Absolute Maximum Rating
Symbol
Parameter
Test Condition
Min.
Typ.2
Max.
Unit
Vdd
Supply Voltage
2.4
3.3
3.6
V
Idd
Supply Current
mean value
PD pin connected
to GND
0.85
1.5
mA
IddPdn
Supply Current in Power
Down Mode
rms value
PD pin connected
to Vdd
25
µA
Vst
Self Test Input
Logic 0 level
0
0.8
V
Logic 1 level
2.2
Vdd
V
Rout
Output Impedance
80
110
140
k
Cload
Capacitive Load Drive3
320
pF
Ton
Turn-On Time at exit from
Power Down mode
Cload in
µF
550*Cload+0.3
ms
Symbol
Ratings
Maximum Value
Unit
Vdd
Supply Voltage
-0.3 to 7
V
Vin
Input Voltage on any control pin (FS, PD, ST)
-0.3 to Vdd +0.3
V
APOW
Acceleration (Any axis, Powered, Vdd=3.3V)
3000g for 0.5 ms
10000g for 0.1 ms
AUNP
Acceleration (Any axis, Not powered)
3000g for 0.5 ms
10000g for 0.1 ms
TSTG
Storage Temperature Range
-40 to +125
°C
ESD
Electrostatic Discharge Protection
2 (HBM)
kV
200 (MM)
V
1500 (CDM)
V
This is an ESD sensitive device, improper handling can cause permanent damages to the part
This is a Mechanical Shock sensitive device, improper handling can cause permanent damages to the part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com