Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L02AS4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LIS3L02AS4
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4 Datasheet(HTML) 5 Page - STMicroelectronics

  LIS3L02AS4 Datasheet HTML 1Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 2Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 3Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 4Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 5Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
LIS3L02AS4
3.1 Terminology
3.1.1 Sensitivity
Describes the gain of the sensor and can be determined by applying 1g acceleration to it. As the sensor
can measure DC accelerations this can be done easily by pointing the axis of interest towards the center
of the earth, note the output value, rotate the sensor by 180 degrees (point to the sky) and note the output
value again thus applying
±1g acceleration to the sensor. Subtracting the larger output value from the
smaller one and dividing the result by 2 will give the actual sensitivity of the sensor. This value changes
very little over temperature (see sensitivity change vs. temperature) and also very little over time. The Sen-
sitivity Tolerance describes the range of Sensitivities of a large population of sensors.
3.1.2 Zero-g level
Describes the actual output signal if there is no acceleration present. A sensor in a steady state on an
horizontal surface will measure 0g in X axis and 0g in Y axis whereas the Z axis will measure +1g. The
output is ideally for a 3.3V powered sensor Vdd/2 = 1650mV. A deviation from ideal 0-g level (1650mV in
this case) is called Zero-g offset. Offset of precise MEMS sensors is to some extend a result of stress to
the sensor and therefore the offset can slightly change after mounting the sensor onto a printed circuit
board or exposing it to extensive mechanical stress. Offset changes little over temperature - see "Zero-g
Level Change vs. Temperature" - the Zero-g level of an individual sensor is very stable over lifetime. The
Zero-g level tolerance describes the range of zero-g levels of a population of sensors.
3.1.3 Self Test
Self Test allows to test the mechanical and electric part of the sensor, allowing the seismic mass to be moved
by means of an electrostatic test-force. The Self Test function is off when the ST pin is connected to GND. When
the ST pin is tied at Vdd an actuation force is applied to the sensor, simulating a definite input acceleration. In
this case the sensor outputs will exhibit a voltage change in their DC levels which is related to the selected full
scale and depending on the Supply Voltage through the device sensitivity. When ST is activated, the device
output level is given by the algebraic sum of the signals produced by the acceleration acting on the sensor and
by the electrostatic test-force. If the output signals change within the amplitude specified inside Table 3, than
the sensor is working properly and the parameters of the interface chip are within the defined specification.
3.1.4 Output impedance
Describes the resistor inside the output stage of each channel. This resistor is part of a filter consisting of
an external capacitor of at least 320pF and the internal resistor. Due to the high resistor level only small,
inexpensive external capacitors are needed to generate low corner frequencies. When interfacing with an
ADC it is important to use high input impedance input circuitries to avoid measurement errors. Note that
the minimum load capacitance forms a corner frequency beyond the resonance frequency of the sensor.
For a flat frequency response a corner frequency well below the resonance frequency is recommended.
In general the smallest possible bandwidth for an particular application should be chosen to get the best
results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com