Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U637256 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # U637256
Description  CapStore 32K x 8 nvSRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U637256 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  U637256 Datasheet HTML 1Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 2Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 3Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 4Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 5Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 6Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 7Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 8Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
U637256
4
March 31, 2006
STK Control #ML0054
Rev 1.0
DC Characteristics
Symbol
Conditions
C-Type
K-Type
Unit
Min.
Max.
Min.
Max.
Output High Voltage
Output Low Voltage
VOH
VOL
VCC
IOH
IOL
= 4.5 V
=-4 mA
= 8 mA
2.4
0.4
2.4
0.4
V
V
Output High Current
Output Low Current
IOH
IOL
VCC
VOH
VOL
= 4.5 V
= 2.4 V
= 0.4 V
8
-4
8
-4
mA
mA
Input Leakage Current
High
Low
IIH
IIL
VCC
VIH
VIL
= 5.5 V
= 5.5 V
=
0 V
-1
1
-1
1
μA
μA
Output Leakage Current
High at Three-State- Output
Low at Three-State- Output
IOHZ
IOLZ
VCC
VOH
VOL
= 5.5 V
= 5.5 V
=
0 V
-1
1
-1
1
μA
μA
SRAM Memory Operations
No.
Switching Characteristics
Read Cycle
Symbol
Min.
Max.
Unit
Alt.
IEC
1
Read Cycle Timef
tAVAV
tcR
70
ns
2
Address Access Time to Data Validg
tAVQV
ta(A)
70
ns
3
Chip Enable Access Time to Data Valid
tELQV
ta(E)
70
ns
4
Output Enable Access Time to Data Valid
tGLQV
ta(G)
35
ns
5E HIGH to Output in High-Zh
tEHQZ
tdis(E)
25
ns
6G HIGH to Output in High-Zh
tGHQZ
tdis(G)
25
ns
7E LOW to Output in Low-Z
tELQX
ten(E)
5ns
8G LOW to Output in Low-Z
tGLQX
ten(G)
0ns
9
Output Hold Time after Address Change
tAXQX
tv(A)
3ns
10 Chip Enable to Power Activee
tELICCH
tPU
0ns
11 Chip Disable to Power Standbyd, e
tEHICCL
tPD
70
ns
e:
Parameter guaranteed but not tested.
f:
Device is continuously selected with E and G both Low.
g:
Address valid prior to or coincident with E transition LOW.
h:
Measured
± 200 mV from steady state output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com