Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U637256 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # U637256
Description  CapStore 32K x 8 nvSRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U637256 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button U637256 Datasheet HTML 4Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 5Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 6Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 7Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 8Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 9Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 10Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 11Page - List of Unclassifed Manufacturers U637256 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
U637256
8
March 31, 2006
STK Control #ML0054
Rev 1.0
No.
Software Controlled STORE/RECALL
Cyclek, o
Symbol
Min.
Max.
Unit
Alt.
IEC
27
STORE/RECALL Initiation Time
tAVAV
tcR
70
ns
28
Chip Enable to Output Inactivep
tELQZ
tdis(E)SR
600
ns
29
STORE Cycle Timeq
tELQXS
td(E)S
10
ms
30
RECALL Cycle Timer
tELQXR
td(E)R
20
μs
31
Address Setup to Chip Enables
tAVELN
tsu(A)SR
0ns
32
Chip Enable Pulse Widths, t
tELEHN
tw(E)SR
60
ns
33
Chip Disable to Address Changes
tEHAXN
th(A)SR
0ns
PowerStore and automatic Power Up RECALL
VCC
5.0 V
t
PowerStore
Power Up
VSWITCH
W
DQi
POWER UP
RECALL
BROWN OUT
tRESTORE
tRESTORE
BROWN OUT
PowerStore
(NO SRAM WRITES)
RECALL
(24)
(24)
NO STORE
tPDSTORE
tDELAY
(25)
o:
The software sequence is clocked with E controlled READs.
p:
Once the software controlled STORE or RECALL cycle is initiated, it completes automatically, ignoring all inputs.
q:
Note that STORE cycles (but not RECALL) are inhibited by VCC < VSWITCH (STORE inhibit).
r:
An automatic RECALL also takes place at power up, starting when VCC exceeds VSWITCH and takes tRESTORE. VCC must not drop below
VSWITCH once it has been exceeded for the RECALL to function properly.
s:
Noise on the E pin may trigger multiple READ cycles from the same address and abort the address sequence.
t:
If the Chip Enable Pulse Width is less than ta(E) (see Read Cycle) but greater than or equal tw(E)SR, than the data may not be valid at
the end of the low pulse, however the STORE or RECALL will still be initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com