Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM94021 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94021 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM94021 Datasheet HTML 1Page - National Semiconductor (TI) LM94021 Datasheet HTML 2Page - National Semiconductor (TI) LM94021 Datasheet HTML 3Page - National Semiconductor (TI) LM94021 Datasheet HTML 4Page - National Semiconductor (TI) LM94021 Datasheet HTML 5Page - National Semiconductor (TI) LM94021 Datasheet HTML 6Page - National Semiconductor (TI) LM94021 Datasheet HTML 7Page - National Semiconductor (TI) LM94021 Datasheet HTML 8Page - National Semiconductor (TI) LM94021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM94021
Multi-Gain Analog Temperature Sensor
General Description
The
LM94021
is
a
precision
analog
output
CMOS
integrated-circuit temperature sensor that operates at a sup-
ply voltage as low as 1.5V. While operating over the wide
temperature range of −50˚C to +150˚C, the LM94021 deliv-
ers an output voltage that is inversely porportional to mea-
sured temperature. The LM94021’s low supply current
makes it ideal for battery-powered systems as well as gen-
eral temperature sensing applications.
Two logic inputs, Gain Select 1 (GS1) and Gain Select 0
(GS0), select the gain of the temperature-to-voltage output
transfer function. Four slopes are selectable: −5.5 mV/˚C,
−8.2 mV/˚C, −10.9 mV/˚C, and −13.6 mV/˚C. In the lowest
gain configuration (GS1 and GS0 both tied low), the
LM94021 can operate with a 1.5V supply while measuring
temperature over the full −50˚C to +150˚C operating range.
Tying both inputs high causes the transfer function to have
the largest gain of −13.6 mV/˚C for maximum temperature
sensitivity. The gain-select inputs can be tied directly to V
DD
or Ground without any pull-up or pull-down resistors, reduc-
ing component count and board area. These inputs can also
be driven by logic signals allowing the system to optimize the
gain during operation or system diagnostics.
Applications
n
Cell phones
n
Wireless Transceivers
n
Battery Management
n
Automotive
n
Disk Drives
n
Games
n
Appliances
Features
n
Low 1.5V operation
n
Four selectable gains
n
Very accurate over wide temperature range of −50˚C to
+150˚C
n
Low quiescent current
n
Output is short-circuit protected
n
Extremely small SC70 package
n
Footprint compatible with the industry-standard LM20
temperature sensor
Key Specifications
j Supply Voltage
1.5V to 5.5V
j Supply Current
9 µA (typ)
j Temperature
Accuracy
20˚C to 40˚C
-50˚C to 70˚C
-50˚C to 90˚C
-50˚C to 150˚C
±1.5˚C
±1.8˚C
±2.1˚C
±2.7˚C
j Operating
Temperature
−50˚C to 150˚C
Connection Diagram
SC70-5
20108601
Top View
See NS Package Number MAA05A
Typical Transfer Characteristic
Output Voltage vs Temperature
20108624
February 2005
© 2005 National Semiconductor Corporation
DS201086
www.national.com


Similar Part No. - LM94021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
LM94021 TI2-LM94021 Datasheet
737Kb / 24P
LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
REVISED JUNE 2013
LM94021-Q1 TI1-LM94021-Q1 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
LM94021-Q1 TI2-LM94021-Q1 Datasheet
737Kb / 24P
LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
REVISED JUNE 2013
LM94021BIMG TI1-LM94021BIMG Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
More results

Similar Description - LM94021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
Analog Temperature Sensor
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
LM94021 TI-LM94021_15 Datasheet
1Mb / 23P
LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
logo
Silicon Supplies
SIS60A SS-SIS60A Datasheet
544Kb / 6P
Analog Temperature Sensor
LM135 SS-LM135 Datasheet
1Mb / 10P
Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
Analog Temperature Sensor
LM335A SS-LM335A Datasheet
1Mb / 10P
Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com