Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F158 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB91F158
Description  32-bit Proprietary Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F158 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB91F158 Datasheet HTML 9Page - fujitsu semiconductor MB91F158 Datasheet HTML 10Page - fujitsu semiconductor MB91F158 Datasheet HTML 11Page - fujitsu semiconductor MB91F158 Datasheet HTML 12Page - fujitsu semiconductor MB91F158 Datasheet HTML 13Page - fujitsu semiconductor MB91F158 Datasheet HTML 14Page - fujitsu semiconductor MB91F158 Datasheet HTML 15Page - fujitsu semiconductor MB91F158 Datasheet HTML 16Page - fujitsu semiconductor MB91F158 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
MB91F158
13
The following figure shows an example usage of an external clock.
Figure 3.1 An example usage of an external clock
• Care during operating of PLL clock mode
If the PLL clock mode is selected, the microcontroller attempt to be working with the self-oscillating circuit even
when there is no external oscillator or external clock input is stopped. Performance of this operation, however,
cannot be guaranteed.
• Watchdog timer function
The watchdog timer supported by the FR family monitors the program that performs the reset delay operation
for a specified time. If the program hangs and the reset delay operation is not performed, the watchdog timer
resets the CPU. Therefore, once the watchdog timer is enabled, operation continues until the CPU is reset.
As an exception, a reset delay automatically occurs if the CPU stops program execution. For the conditions
that apply to this exception, refer to the section that describes the watchdog function.
4.
Care During Powering Up
• When powering up
When turning on the power supply, never fail to start from setting the RST pin to “L” level. And after the power
supply voltage goes to VCC level, at least after ensuring the time for 5 machine cycle, then set to “H” level.
• Source oscillation input
At turning on the power supply, never fail to input the clock before cancellation of the oscillation stabilizing
waiting.
• Power on resetting
When powering up or when turning the power back on after the supply voltage drops below the operation
assurance range, be sure to reset the power.
• Power on sequence
Turn on the power in the order of VCC, AVCC and AVRH. The power should be disconnected in inverse order.
• Even when an A/D converter is not in use, connect AVCC to the VCC level and AVSS to the VSS level.
• Even when a D/A converter is not in use, connect DAVC to the VCC level and DAVS to the VSS level.
X0
X1
MB91F158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com