Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F158 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB91F158
Description  32-bit Proprietary Microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F158 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB91F158 Datasheet HTML 1Page - fujitsu semiconductor MB91F158 Datasheet HTML 2Page - fujitsu semiconductor MB91F158 Datasheet HTML 3Page - fujitsu semiconductor MB91F158 Datasheet HTML 4Page - fujitsu semiconductor MB91F158 Datasheet HTML 5Page - fujitsu semiconductor MB91F158 Datasheet HTML 6Page - fujitsu semiconductor MB91F158 Datasheet HTML 7Page - fujitsu semiconductor MB91F158 Datasheet HTML 8Page - fujitsu semiconductor MB91F158 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
MB91F158
2
3.
Internal ROM
FLASH products : 510 Kbytes
4.
Internal RAM
2 Kbytes
5.
Internal Data RAM
6 Kbytes
6.
Bit Search Module
Searches in one cycle for the position of the bit that changes from the MSB in one word to the initial I/O.
7.
Timers
• 16-bit OCU
× 4 channels, ICU × 4 channels, Free-run timer × 1 channel
• 8/16-bit up/down timer/counter (8-bit
× 2 channels or 16-bit × 1 channel)
• 16-bit PPG timer
× 4 channels. The output pulse cycle and duty can be varied as desired
• 16-bit reload timer
× 2 channels
8.
D/A Converter
•8-bit
× 3 channels
9.
A/D Converter (Sequential Comparison Type)
•10-bit
× 8 channels
• Sequential conversion method (conversion time : 5.2
µs@32 MHz)
• Single conversion or scan conversion can be selected, and one-shot or continuous or stop conversion mode
can be set respectively.
• Conversion starting function by hardware/software.
10. Serial I/O
•UART
× 2 channels. Any of them is capable of serial transfer in sync with clock attached with the LSB/MSB
switching function.
• Serial data output and serial clock output are selectable by push-pull/open drain software.
• A 16-bit timer (U-timer) is contained as a dedicated baud rate generator allowing any baud rate to be generated.
11. Clock Switching Function
• Gear function : Operating clock ratios to the basic clock can be set independently for the CPU and peripherals
from four types, 1 : 1, 1 : 2, 1 : 4 or 1 : 8.
12. Interrupt Controller
External interrupt input (16 channels in total) :
• Allows the rising edge/falling edge/H level/L level to be set.
Internal interrupt factors :
• Interrupt by resources and delay interrupt
13. Others
• Reset cause : Power on reset/watchdog timer/software reset/external reset
• Low power consumption mode : Sleep/stop
• Package : 120-pin LQFP
• CMOS technology (0.35
µm)
• Power supply voltage : 3.2 V to 3.5 V
• Operation frequency upper limit
CPU
: 32 MHz
Peripheral circuit : 32 MHz
External bus
: 25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com