Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89834U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89834U Datasheet HTML 1Page - Micrel Semiconductor SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY89832U
Micrel, Inc.
M9999-092005
hbwhelp@micrel.com or (408) 955-1690
September 2005
DESCRIPTION
s Guaranteed AC performance over temperature
and voltage:
• DC-to >2.0GHz throughput
• <570ps propagation delay (IN-to-Q)
• <20ps within-device skew
• <200ps rise/fall time
s Ultra-low jitter design:
• <1ps
RMS cycle-to-cycle jitter
• <1ps
RMS random jitter
• <10ps
PP deterministic jitter
• <10ps
PP total jitter (clock)
s Unique, patent-pending input termination and VT pin
accepts DC– and AC–coupled inputs
s High-speed LVDS outputs
s 2.5V voltage supply operation
s Industrial temperature range: –40
°C to +85°C
s Available in 16-pin (3mm
××××× 3mm) MLF™ package
FEATURES
2.5V ULTRA-PRECISION 1:4 LVDS
FANOUT BUFFER/TRANSLATOR
WITH INTERNAL TERMINATION
Precision Edge®
SY89832U
APPLICATIONS
s Processor clock distribution
s SONET clock distribution
s Fibre Channel clock distribution
s Gigabit Ethernet clock distribution
1
The SY89832U is a 2.5V, high-speed, 2GHz differential
LVDS (Low Voltage Differential Swing) 1:4 fanout buffer
optimized for ultra-low skew applications. Within device skew
is guaranteed to be less than 20ps over supply voltage and
temperature.
The differential input buffer has a unique internal
termination design that allows access to the termination
network through a VT pin. This feature allows the device to
easily interface to different logic standards. A VREF–AC
reference output is included for AC-coupled applications.
The SY89832U is a part of Micrel's high-speed clock
synchronization family. For 3.3V applications, see SY89833L.
For applications that require a different I/O combination,
consult Micrel's website at www.micrel.com, and choose
from a comprehensive product line of high-speed, low-skew
fanout buffers, translators and clock generators.
TYPICAL PERFORMANCE
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
622MHz Output
TIME (200ps/div.)
IN
/IN
DQ
Q3
/Q3
Q2
/Q2
Q1
/Q1
Q0
/Q0
EN
(LVTTL/CMOS)
VT
50
Ω
50
Ω
VREF-AC
1:4
Precision Edge®
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - SY89834U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89834U MICREL-SY89834U Datasheet
105Kb / 10P
2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
SY89834U MICREL-SY89834U Datasheet
114Kb / 10P
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834UMG MICREL-SY89834UMG Datasheet
114Kb / 10P
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834UMGTR MICREL-SY89834UMGTR Datasheet
114Kb / 10P
2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834UMI MICREL-SY89834UMI Datasheet
105Kb / 10P
2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY89834U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com