Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89834U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89834U Datasheet HTML 1Page - Micrel Semiconductor SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Precision Edge®
SY89832U
Micrel, Inc.
M9999-092005
hbwhelp@micrel.com or (408) 955-1690
September 2005
V
CC = 2.5V ±5%, RL = 100Ω across the outputs; TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Output Voltage Swing
See Figure 2c.
250
325
mV
V
DIFF_OUT
Differential Output Voltage Swing
See Figure 2d.
500
650
mV
V
OCM
Output Common Mode Voltage
1.125
1.275
V
∆V
OCM
Change in Common Mode Voltage
–50
50
mV
V
CC = 2.5V ±5%, TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
CC
V
V
IL
Input LOW Voltage
0
0.8
V
I
IH
Input HIGH Current
–125
30
µA
I
IL
Input LOW Current
–300
µA
Notes:
6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
LVDS OUTPUTS DC ELECTRICAL CHARACTERISTICS(6)
LVTTL/CMOS DC ELECTRICAL CHARACTERISTICS(6)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com