Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6364 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6364
Description  Dual channel transceiver IC for SIO and IO-Link sensor applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6364 Datasheet HTML 18Page - STMicroelectronics L6364 Datasheet HTML 19Page - STMicroelectronics L6364 Datasheet HTML 20Page - STMicroelectronics L6364 Datasheet HTML 21Page - STMicroelectronics L6364 Datasheet HTML 22Page - STMicroelectronics L6364 Datasheet HTML 23Page - STMicroelectronics L6364 Datasheet HTML 24Page - STMicroelectronics L6364 Datasheet HTML 25Page - STMicroelectronics L6364 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
8.3.1
Pin functions in transparent mode
In transparent mode, the MOSI and MISO pins are used for both SPI communication, and for the transparent
path. The SS pin controls the use of the MOSI and MISO pins, according to Table 18.
Table 18. Pin dual use in transparent mode
SPI comm’s
Transparent path
MOSI
MISO
SS=’0’
SPI comm’s active
CQ output switch control frozen
SPI data in
SPI data out
SS=’1’
SPI comm’s frozen
Transparent path active
CQ output switch control
Filtered CQ line level
An SPI communication in transparent mode is shown in Figure 9. Initially the L6364 is driving the CQ line; an SPI
exchange is then conducted in which the L6364 is instructed to stop driving the line, and finally the IO-Link master
drives the CQ line.
Typically the microcontroller SPI access routine records the MOSI level in use before setting SS='0' to start an
SPI access, and assert this value again on the MOSI line before setting SS='1'.
The microcontroller should preset the MOSI pin to the required level before the first SPI access enabling
transparent mode.
Support for this may, however, be automatic depending on the microcontroller.
The SPI connection to the L6364 is not suitable for a bus connection of multiple SPI slaves in transparent mode
as the MOSI line is permanently driven.
Figure 9. Illustration of operation in transparent mode
MOSI
SS
MISO
t
t
t
t
t
CQ
SCK
transparent path in
operation SIO=HS=LS='1'
SPI access
(transparent path frozen)
transparent path in
operation SIO=HS=LS='0'
sampled MOSI used for
transparent path in SPI
MOSI value reasserted
before SS release at end
of SPI comm's
CQ controlled by L6364
CQ controlled by master
8.4
Transparent mode output path
With SS='1', the level of the MOSI pin controls the output switches according to the SIO, HS and LS bit settings
as shown in Table 19. Where SS='0' for SPI access the level latched on the MOSI line is frozen, and used in the
place of the MOSI line itself.
The CCTL:HS and CCTL:LS bits function as enables for the high-side and low-side switches respectively, and
select operation as a high-side, low-side or push-pull device.
Note that the logical path from MOSI to CQ is inverting.
L6364
Transparent mode output path
DS13363 - Rev 4
page 22/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com