Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DU12 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS2DU12
Description  MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DU12 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS2DU12 Datasheet HTML 5Page - STMicroelectronics LIS2DU12 Datasheet HTML 6Page - STMicroelectronics LIS2DU12 Datasheet HTML 7Page - STMicroelectronics LIS2DU12 Datasheet HTML 8Page - STMicroelectronics LIS2DU12 Datasheet HTML 9Page - STMicroelectronics LIS2DU12 Datasheet HTML 10Page - STMicroelectronics LIS2DU12 Datasheet HTML 11Page - STMicroelectronics LIS2DU12 Datasheet HTML 12Page - STMicroelectronics LIS2DU12 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
3.1
Soldering information
The LGA package is compliant with the ECOPACK, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
For the land pattern and soldering recommendations, please consult technical note TN0018 available on
www.st.com.
3.2
LGA-12 package information
Figure 5. LGA-12 2.0 x 2.0 x 0.74 mm package outline and mechanical data
Dimensions are in millimeter unless otherwise specified
General Tolerance is +/-0.15mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
1
.
0
±
2
]
L
[
h
t
g
n
e
L
1
.
0
±
2
]
W
[
h
t
d
i
W
/
X
A
M
74
.
0
]
H
[
t
h
g
i
e
H
DM00170568
LIS2DU12
Package information
DB4522 - Rev 1
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com