Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC16H065A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC16H065A
Description  650 V power Schottky silicon carbide rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC16H065A Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC16H065A Datasheet HTML 1Page - STMicroelectronics STPSC16H065A Datasheet HTML 2Page - STMicroelectronics STPSC16H065A Datasheet HTML 3Page - STMicroelectronics STPSC16H065A Datasheet HTML 4Page - STMicroelectronics STPSC16H065A Datasheet HTML 5Page - STMicroelectronics STPSC16H065A Datasheet HTML 6Page - STMicroelectronics STPSC16H065A Datasheet HTML 7Page - STMicroelectronics STPSC16H065A Datasheet HTML 8Page - STMicroelectronics STPSC16H065A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NC
K
A
TO-247
NC
K
A
Features
•
No or negligible reverse recovery
•
Temperature independent switching behavior
•
High forward surge capability
•
Operating Tj from -40 °C to 175 °C
•
Power efficient product
•
ECOPACK®2 compliant
Applications
•
DC/DC converter
•
High frequency inverter
•
Boost PFC function
Description
The STPSC16H065A SiC diode is an ultrahigh performance power Schottky diode. It
is manufactured using a silicon carbide substrate. The wide band gap material allows
the design of a Schottky diode structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is independent of temperature.
Especially suited for use in PFC applications, this ST SiC diode, packaged in
TO-247, will boost the performance in hard switching conditions. Its high forward
surge capability ensures a good robustness during transient phases.
Product status link
STPSC16H065A
Product summary
IF(AV)
16 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.56 V
Product label
650 V power Schottky silicon carbide rectifier
STPSC16H065A
Datasheet
DS12768 - Rev 1 - October 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC16H065A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STPSC16H065AW ISC-STPSC16H065AW Datasheet
293Kb / 2P
SiC Schottky Diode
More results

Similar Description - STPSC16H065A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
December 2015 Rev 5
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
650 V power Schottky silicon carbide diode
31-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com