Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS1206 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # HCS1206
Description  High Current Metal Element Shunt Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCS1206 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  HCS1206 Datasheet HTML 1Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 2Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 3Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 4Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 5Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 6Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 7Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 8Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev Date: 5/12/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCS Series
High Current Metal Element Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
Type / Code
C (max.)
Unit
0.126 ± 0.008 0.065 ± 0.008
0.047 ± 0.006 0.031 ± 0.008
inches
3.20 ± 0.20
1.65 ± 0.20
1.20 ± 0.15
0.80 ± 0.20
mm
0.126 ± 0.008 0.065 ± 0.008
0.035 ± 0.006 0.031 ± 0.008
inches
3.20 ± 0.20
1.65 ± 0.20
0.90 ± 0.15
0.80 ± 0.20
mm
0.126 ± 0.008 0.065 ± 0.008
0.035 ± 0.006 0.031 ± 0.008
inches
3.20 ± 0.20
1.65 ± 0.20
0.90 ± 0.15
0.80 ± 0.20
mm
0.256 ± 0.008 0.128 ± 0.008 0.046 ± 0.006 0.032 ± 0.006 0.035 ± 0.008
0.016
0.014 ± 0.004 inches
6.50 ± 0.20
3.25 ± 0.20
1.17 ± 0.15
0.82 ± 0.15
0.90 ± 0.20
0.40
0.35 ± 0.10
mm
0.256 ± 0.008 0.128 ± 0.008 0.042 ± 0.006 0.028 ± 0.006 0.035 ± 0.008
0.016
0.014 ± 0.004 inches
6.50 ± 0.20
3.25 ± 0.20
1.07 ± 0.15
0.72 ± 0.15
0.90 ± 0.20
0.40
0.35 ± 0.10
mm
0.256 ± 0.008 0.128 ± 0.008 0.037 ± 0.006 0.024 ± 0.006 0.035 ± 0.008
0.016
0.014 ± 0.004 inches
6.50 ± 0.20
3.25 ± 0.20
0.95 ± 0.15
0.60 ± 0.15
0.90 ± 0.20
0.40
0.35 ± 0.10
mm
0.256 ± 0.008 0.128 ± 0.008 0.029 ± 0.006 0.015 ± 0.006 0.035 ± 0.008
0.016
0.014 ± 0.004 inches
6.50 ± 0.20
3.25 ± 0.20
0.73 ± 0.15
0.38 ± 0.15
0.90 ± 0.20
0.40
0.35 ± 0.10
mm
0.256 ± 0.008 0.128 ± 0.008 0.038 ± 0.006 0.024 ± 0.006 0.035 ± 0.008
0.016
0.014 ± 0.004 inches
6.50 ± 0.20
3.25 ± 0.20
0.96 ± 0.15
0.61 ± 0.15
0.90 ± 0.20
0.40
0.35 ± 0.10
mm
0.256 ± 0.008 0.128 ± 0.008 0.030 ± 0.006 0.016 ± 0.006 0.035 ± 0.008
0.016
0.014 ± 0.004 inches
6.50 ± 0.20
3.25 ± 0.20
0.76 ± 0.15
0.41 ± 0.15
0.90 ± 0.20
0.40
0.35 ± 0.10
mm
0.256 ± 0.008 0.128 ± 0.008 0.026 ± 0.006 0.012 ± 0.006 0.035 ± 0.008
0.016
0.014 ± 0.004 inches
6.50 ± 0.20
3.25 ± 0.20
0.66 ± 0.15
0.31 ± 0.15
0.90 ± 0.20
0.40
0.35 ± 0.10
mm
0.256 ± 0.008 0.128 ± 0.008 0.026 ± 0.006 0.012 ± 0.006 0.035 ± 0.008
0.016
0.014 ± 0.004 inches
6.50 ± 0.20
3.25 ± 0.20
0.66 ± 0.15
0.31 ± 0.15
0.90 ± 0.20
0.40
0.35 ± 0.10
mm
0.402 ± 0.008 0.205 ± 0.008 0.078 ± 0.006 0.058 ± 0.006 0.071 ± 0.012
0.024
0.020 ± 0.004 inches
10.20 ± 0.20
5.20 ± 0.20
1.98 ± 0.15
1.48 ± 0.15
1.80 ± 0.30
0.60
0.50 ± 0.10
mm
0.402 ± 0.008 0.205 ± 0.008 0.076 ± 0.006 0.056 ± 0.006 0.071 ± 0.012
0.024
0.020 ± 0.004 inches
10.20 ± 0.20
5.20 ± 0.20
1.92 ± 0.15
1.42 ± 0.15
1.80 ± 0.30
0.60
0.50 ± 0.10
mm
0.402 ± 0.008 0.205 ± 0.008 0.054 ± 0.006 0.034 ± 0.006 0.071 ± 0.012
0.024
0.020 ± 0.004 inches
10.20 ± 0.20
5.20 ± 0.20
1.36 ± 0.15
0.86 ± 0.15
1.80 ± 0.30
0.60
0.50 ± 0.10
mm
0.402 ± 0.008 0.205 ± 0.008 0.036 ± 0.006 0.017 ± 0.006 0.071 ± 0.012
0.024
0.020 ± 0.004 inches
10.20 ± 0.20
5.20 ± 0.20
0.92 ± 0.15
0.42 ± 0.15
1.80 ± 0.30
0.60
0.50 ± 0.10
mm
0.402 ± 0.008 0.205 ± 0.008 0.047 ± 0.006 0.027 ± 0.006 0.071 ± 0.012
0.024
0.020 ± 0.004 inches
10.20 ± 0.20
5.20 ± 0.20
1.19 ± 0.15
0.69 ± 0.15
1.80 ± 0.30
0.60
0.50 ± 0.10
mm
0.402 ± 0.008 0.205 ± 0.008 0.037 ± 0.006 0.017 ± 0.006 0.071 ± 0.012
0.024
0.020 ± 0.004 inches
10.20 ± 0.20
5.20 ± 0.20
0.94 ± 0.15
0.44 ± 0.15
1.80 ± 0.30
0.60
0.50 ± 0.10
mm
0.402 ± 0.008 0.205 ± 0.008 0.033 ± 0.006 0.014 ± 0.006 0.071 ± 0.012
0.024
0.020 ± 0.004 inches
10.20 ± 0.20
5.20 ± 0.20
0.85 ± 0.15
0.35 ± 0.15
1.80 ± 0.30
0.60
0.50 ± 0.10
mm
0.402 ± 0.008 0.205 ± 0.008 0.033 ± 0.006 0.014 ± 0.006 0.071 ± 0.012
0.024
0.020 ± 0.004 inches
10.20 ± 0.20
5.20 ± 0.20
0.85 ± 0.15
0.35 ± 0.15
1.80 ± 0.30
0.60
0.50 ± 0.10
mm
NA
NA
NA
NA
HCS1206…L500
NA
NA
NA
HCS2512…1L00
HCS3920…2L00
HCS3920…3L00
HCS3920…4L00
HCS3920…5L00
HCS2512…2L00
HCS2512…3L00
HCS2512…4L00
HCS2512…5L00
HCS3920…1L00
HCS3920…L500
HCS3920…L200
T
A
P
HCS2512…L500
H
HCS1206…L300
L
W
HCS2512…L750
HCS3920…L300
HCS2512…L300
NA
HCS1206…1L00
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com