Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS1206 Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # HCS1206
Description  High Current Metal Element Shunt Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCS1206 Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  HCS1206 Datasheet HTML 1Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 2Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 3Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 4Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 5Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 6Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 7Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 8Page - Stackpole Electronics, Inc. HCS1206 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev Date: 5/12/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCS Series
High Current Metal Element Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Environmental Performance Characteristics
Power Derating Curve:
0.591 ± 0.008 0.305 ± 0.008 0.098 ± 0.006 0.079 ± 0.006 0.165 ± 0.008
0.039
0.020 ± 0.004 inches
15.00 ± 0.20
7.75 ± 0.20
2.50 ± 0.15
2.00 ± 0.15
4.20 ± 0.20
1.00
0.50 ± 0.10
mm
0.591 ± 0.008 0.305 ± 0.008 0.076 ± 0.006 0.056 ± 0.006 0.165 ± 0.008
0.039
0.020 ± 0.004 inches
15.00 ± 0.20
7.75 ± 0.20
1.92 ± 0.15
1.42 ± 0.15
4.20 ± 0.20
1.00
0.50 ± 0.10
mm
0.591 ± 0.008 0.305 ± 0.008 0.057 ± 0.006 0.037 ± 0.006 0.165 ± 0.008
0.039
0.020 ± 0.004 inches
15.00 ± 0.20
7.75 ± 0.20
1.44 ± 0.15
0.94 ± 0.15
4.20 ± 0.20
1.00
0.50 ± 0.10
mm
0.591 ± 0.008 0.305 ± 0.008 0.043 ± 0.006 0.023 ± 0.006 0.165 ± 0.008
0.039
0.020 ± 0.004 inches
15.00 ± 0.20
7.75 ± 0.20
1.08 ± 0.15
0.58 ± 0.15
4.20 ± 0.20
1.00
0.50 ± 0.10
mm
0.591 ± 0.008 0.305 ± 0.008 0.054 ± 0.006 0.034 ± 0.006 0.165 ± 0.008
0.039
0.020 ± 0.004 inches
15.00 ± 0.20
7.75 ± 0.20
1.37 ± 0.15
0.87 ± 0.15
4.20 ± 0.20
1.00
0.50 ± 0.10
mm
0.591 ± 0.008 0.305 ± 0.008 0.037 ± 0.006 0.018 ± 0.006 0.165 ± 0.008
0.039
0.020 ± 0.004 inches
15.00 ± 0.20
7.75 ± 0.20
0.95 ± 0.15
0.45 ± 0.15
4.20 ± 0.20
1.00
0.50 ± 0.10
mm
0.591 ± 0.008 0.305 ± 0.008 0.035 ± 0.006 0.016 ± 0.006 0.165 ± 0.008
0.039
0.020 ± 0.004 inches
15.00 ± 0.20
7.75 ± 0.20
0.90 ± 0.15
0.40 ± 0.15
4.20 ± 0.20
1.00
0.50 ± 0.10
mm
HCS5930…L100
HCS5930…3L00
HCS5930…L300
HCS5930…L500
HCS5930…1L00
HCS5930…2L00
HCS5930…L200
Mechanical Specifications (cont.)
Type / Code
C (max.)
Unit
T
A
P
H
L
W
Test
Test Specification
Test Condition
Short Time Overload
ΔR: ± (1% + 0.0005Ω)
5 times rated power for 5 seconds
+25ºC / +125ºC (JIS-C5202-5.2)
Temperature Coefficient of
Resistance (TCR)
Refer to
Electrical Specifications
Moisture Resistance
The chip (mounted on board) is exposed in the heat chamber,
125ºC for 1000 hours (JIS-C5202-7.2)
High Temperature Exposure
The specimens shall be placed in a chamber and subjected to a relative
humidity of 90 ~ 98% and a temperature of 25ºC / 65ºC, 10 cycles.
(MIL-STD-202, Method 106)
ΔR: ± (1% + 0.0005Ω)
ΔR: ± (1% + 0.0005Ω)
Apply rated power for 1000 hours with 1.5 hours ON and 0.5 hour OFF.
(JIS-C5202-7.10)
Load Life
ΔR: ± (1% + 0.0005Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com