Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9691 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9691
Description  Automotive 16 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9691 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9691 Datasheet HTML 11Page - STMicroelectronics L9691 Datasheet HTML 12Page - STMicroelectronics L9691 Datasheet HTML 13Page - STMicroelectronics L9691 Datasheet HTML 14Page - STMicroelectronics L9691 Datasheet HTML 15Page - STMicroelectronics L9691 Datasheet HTML 16Page - STMicroelectronics L9691 Datasheet HTML 17Page - STMicroelectronics L9691 Datasheet HTML 18Page - STMicroelectronics L9691 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
3.9
Arming/Passenger inhibit logic
•
User-configurable safing algorithms with 22 safing records
•
5 independent chip-select inputs for external sensor interface SPI snooping
•
Independent chip-select input for master/slave device arming status SPI snooping (in master/slave
configuration)
•
Independent user-programmable thresholds
•
Independent user-programmable latch timers
•
8 discrete and independent internal arming signals
•
8 discrete and independent arming result outputs
•
Passenger loop inhibition via internal monitoring of DC sensors and LIN OCS communication
•
Capability to snoop master/slave device passenger inhibit status on global SPI (in master/slave
configuration)
•
Capability to snoop alternative microcontroller passenger inhibit status on global SPI
•
Capability to receive arming request from global SPI communication using E2E protocol
•
End-of-Life interface
3.10
LIN interface and decoder
•
LIN specification v2.2A compliance and K-LINE ISO9141 compatibility
•
Configurable integrated communication decoder for OCS message monitoring and passenger airbag loop
inhibition
3.11
A/D converters
•
One A/D converter dedicated to power-supply voltage and die average temperature monitoring, providing a
10 bit conversion via Global SPI and with the capability to handle a queue of 4 conversion requests
•
2 A/D converters used to perform ER capacitor value (14 bit conversion, Global SPI) and ESR (13 bit
conversion, Global SPI) measurement diagnostic
•
One A/D converter dedicated to deployment and safing FET regulator circuitry voltage monitoring, providing
a 10 bit conversion via Global SPI and with the capability to handle one conversion request per time
•
One A/D converter dedicated to deployment leakage current diagnostic, providing a 10 bit conversion of the
measured leakage current via Global SPI; this current A/D converter is shared among all 16 deployment
channels
•
8 A/D converters dedicated to remote sensor interfaces, providing a 10 bit conversion of the sensor current
value and used for sensor communication decoding; each RSU channel have a dedicated current A/D
converter
•
2 A/D converters dedicated to DC sensor interfaces, one providing the voltage value (10 bit conversion)
and the other one providing the current value (10 bit conversion); the 2 A/D converters are shared among
all 12 DC sensor channels. Conversions are provided via Global SPI, with the capability to handle a queue
of 4 conversion requests; channel 0 and 1 voltage/current conversions can also be used internally by the
passenger airbag inhibit feature
L9691
Arming/Passenger inhibit logic
DB4803 - Rev 2
page 15/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com