Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9691 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9691
Description  Automotive 16 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9691 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9691 Datasheet HTML 13Page - STMicroelectronics L9691 Datasheet HTML 14Page - STMicroelectronics L9691 Datasheet HTML 15Page - STMicroelectronics L9691 Datasheet HTML 16Page - STMicroelectronics L9691 Datasheet HTML 17Page - STMicroelectronics L9691 Datasheet HTML 18Page - STMicroelectronics L9691 Datasheet HTML 19Page - STMicroelectronics L9691 Datasheet HTML 20Page - STMicroelectronics L9691 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
5
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
5.1
TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) package information
Figure 4. TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) package outline
Table 5. TQFP128 (14X14X1.0 mm, 8.0x8.0 mm exp. pad down) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
Ө
0°
3.5°
7°
Ө1
0°
-
-
L9691
Package information
DB4803 - Rev 2
page 17/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com