Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9780 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 18Page - STMicroelectronics L9780 Datasheet HTML 19Page - STMicroelectronics L9780 Datasheet HTML 20Page - STMicroelectronics L9780 Datasheet HTML 21Page - STMicroelectronics L9780 Datasheet HTML 22Page - STMicroelectronics L9780 Datasheet HTML 23Page - STMicroelectronics L9780 Datasheet HTML 24Page - STMicroelectronics L9780 Datasheet HTML 25Page - STMicroelectronics L9780 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Main functionalities
L9780
22/56
DocID026356 Rev 3
4.12
Timing state machine
The internal temporization of A/D conversion and of the impedance test are defined by an
internal state machine that acts as shown in Figure 8.
Figure 8. State machine diagram
The A/D conversion results give an indication about the
 parameter of the sensor (that is in
relation with INRC pin voltage), about the VCCS output current (from FV voltage evaluation)
and about the sensor temperature (from the double conversion of the output of RCT2
amplifier the external μP is able to evaluate the impedance of the reference cell and
consequently the temperature).
All times are defined in Table 16; some of them (the state machine clock period (Tsmc), the
duration of RCT1 switch and band-gap switch pulses (tR and tB) and the second portion of
INRC switch pulse (tINRC)) can be defined by SPI (using bits MCP[1..0], ITPT[6..0],
CBT[6..0], ISPT[2..0]), while the first portion of INRC switch pulse is determined by the
summation of different events. The SPI selectable variables can not change during the
measurement; if any change occurs while a measurement is on going, the new values will
be applied in the next measurement cycle.
In SO output frame, 3 bits are dedicated to the measurement cycle counter (COUNT[2..0]);
the value measured by the counter is cleared after every power on reset, is automatically
incremented by one at every falling edge of measurement clock and latched in SO output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com