Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9780 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 27Page - STMicroelectronics L9780 Datasheet HTML 28Page - STMicroelectronics L9780 Datasheet HTML 29Page - STMicroelectronics L9780 Datasheet HTML 30Page - STMicroelectronics L9780 Datasheet HTML 31Page - STMicroelectronics L9780 Datasheet HTML 32Page - STMicroelectronics L9780 Datasheet HTML 33Page - STMicroelectronics L9780 Datasheet HTML 34Page - STMicroelectronics L9780 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
DocID026356 Rev 3
31/56
L9780
Digital interface description
55
6
Digital interface description
L9780 contains a serial peripheral interface (SPI) composed by the serial clock (CLK), serial
data out (SO), serial data in (SI), chip select (CSN) and is configured as an SPI slave. If
CSN is asserted and the SPI master continues to issue CLK pulses after the SPI shift
register is filled, the device shall shift the master’s SI data out on SO output.
SPI can support a daisy chain configuration, so the external processor can send SPI
commands to multiple devices without using additional chip select pins, as shown in
Figure 9 and 10.
Figure 9. Daisy chain configuration
Figure 10. SPI transmission in Daisy chain configuration
The first 64 bit data coming out of SO are the output register bits; the subsequent bits are
the SPI commands received through SI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com