Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 79Page - STMicroelectronics L9908 Datasheet HTML 80Page - STMicroelectronics L9908 Datasheet HTML 81Page - STMicroelectronics L9908 Datasheet HTML 82Page - STMicroelectronics L9908 Datasheet HTML 83Page - STMicroelectronics L9908 Datasheet HTML 84Page - STMicroelectronics L9908 Datasheet HTML 85Page - STMicroelectronics L9908 Datasheet HTML 86Page - STMicroelectronics L9908 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 153 page
background image
Note:
CSM_SAMPLE_CFG and CSM_SSPV_PH_CFG configurations can be separately configured with no internal
gating.
This way all the following configurations are allowed to take place in principle:
1.
Auto-Triggering only (NO Command Edge) + Free Running
2.
Auto-Triggering only (NO Command Edge) + T&H
3.
Command Edge Triggering + Free Running
4.
Command Edge Triggering + T&H
In scenario 2) CMn_READ and CSOn value won’t be updated and the value displayed reflects the last valid
value or the default non valid value as ever been captured.
This possibility in case not specifically needed by application shall be avoided by the application SW itself.
Note:
In the following timing diagrams, N-th A/D Out value corresponds to the SAR conversion value.
Figure 59. T&H sampling timing diagram - non-zero current + auto-triggering
L9908
Current monitors
DS13546 - Rev 3
page 83/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com