Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 15Page - STMicroelectronics L9908 Datasheet HTML 16Page - STMicroelectronics L9908 Datasheet HTML 17Page - STMicroelectronics L9908 Datasheet HTML 18Page - STMicroelectronics L9908 Datasheet HTML 19Page - STMicroelectronics L9908 Datasheet HTML 20Page - STMicroelectronics L9908 Datasheet HTML 21Page - STMicroelectronics L9908 Datasheet HTML 22Page - STMicroelectronics L9908 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 153 page
background image
4.2
Safe state activation
Depending on the safe state its activation is performed through one between two separate paths.
Figure 6. Safe states activation paths
Logic activation path: safe state activation is carried out entirely by the main logic.
This path is used to develop:
•
SAFE HIZ (except if determined by CLK1_TIME_OUT)
•
SAFE DIS
•
SAFE OFF
Damage protected activation path: in case of device failure where internal main logic integrity is compromised
L9908 implements an isolated Safe Switch Off structure which allows to activate an isolated Safe Switch Off
structure which can be activated through a separated path.
This path is used to develop:
•
SAFE OFF (only if determined by NDIS = 0)
•
CLK1_TIME_OUT
The Safe State activation through the damage protected path is signaled by setting the dedicated SPI read only
bit SAFE_STATE (GEN_STATUS1[2]).
L9908
Safe state activation
DS13546 - Rev 3
page 19/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com