Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 121 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 117Page - STMicroelectronics L9908 Datasheet HTML 118Page - STMicroelectronics L9908 Datasheet HTML 119Page - STMicroelectronics L9908 Datasheet HTML 120Page - STMicroelectronics L9908 Datasheet HTML 121Page - STMicroelectronics L9908 Datasheet HTML 122Page - STMicroelectronics L9908 Datasheet HTML 123Page - STMicroelectronics L9908 Datasheet HTML 124Page - STMicroelectronics L9908 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 153 page
background image
Register Name
Address
Field Name
Type
Bit Offset
Bit Width
Reset Value
Reset
NSR
STP_VGS_1
CR
2
1
0x0
A
STP_PWM_1
CR
1
1
0x0
A
UNUSED_0
RO
0
1
0x0
A
Table 123. CH1_STATUS2
Register Name
Address
Field Name
Type
Bit Offset
Bit Width
Reset Value
Reset
CH1_STATUS2
0x21
UNUSED_0
RO
15
1
0x0
A
NSR
CM1_READ
RO
0
15
0x0
A
Table 124. CH1_CFG1
Register
Name
Address
Field Name
Type
Bit
Offset
Bit
Width
Reset
Value
Reset
CH1_CFG1
0x22
UNUSED_1
RW
11
5
0x0
B
SLR
OFD1_EN
00: Off State Diagnosis disabled (Default)
01: Pull-up current enabled, Pull-down current disabled
10: Pull-down current enabled, Pull-up current disabled
11: Off State Diagnosis disabled
RW
9
2
0x0
B
OND1_DIS
0: ON State diagnosis enabled on HS and LS (Default)
1: ON State diagnosis disabled on HS and LS
RW
8
1
0x0
B
LS1_STB_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
7
1
0x0
B
HS1_STG_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
6
1
0x0
B
UNUSED_0
RO
15
1
0x0
A
STP_VGS_1_REDIRECT_CFG
0: Fault redirected on FS_FLAG/IC ERR (Default)
1: Fault redirection masked
RW
4
1
0x0
B
STP1_VGS_CFG
00: 0.2 μs (Defaults)
01: 0.5 μs
10: 1 μs
11: 1.5 μs
RW
2
2
0x0
B
STP1_PWM_CFG
00: 0.2 μs (Defaults)
01: 0.5 μs
10: 1 μs
11: 1.5 μs
RW
0
2
0x0
B
L9908
Serial Peripheral Interface (SPI)
DS13546 - Rev 3
page 121/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com