Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 129 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 125Page - STMicroelectronics L9908 Datasheet HTML 126Page - STMicroelectronics L9908 Datasheet HTML 127Page - STMicroelectronics L9908 Datasheet HTML 128Page - STMicroelectronics L9908 Datasheet HTML 129Page - STMicroelectronics L9908 Datasheet HTML 130Page - STMicroelectronics L9908 Datasheet HTML 131Page - STMicroelectronics L9908 Datasheet HTML 132Page - STMicroelectronics L9908 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 153 page
background image
Register Name Address
Field Name
Type Bit Offset Bit Width
Reset
Value
Reset
SLR
01: 90LSB DAC
10: 1024LSB DAC
11: 1024LSB DAC (Default)
0
0
0
0
0
0
Table 140. CH3_CFG3
Register Name
Address
Field Name
Type
Bit Offset
Bit Width
Reset Value
Reset
CH3_CFG3
0x34
UNUSED_3
RW
15
1
0x0
B
NSR
UNUSED_2
RW
14
1
0x0
B
UNUSED_1
RW
13
1
0x0
B
UNUSED_0
RW
12
1
0x0
B
ACT3_EN
0: ACT Disabled (Default)
1: ACT Enabled
RW
11
1
0x0
B
TSYNC3_CFG
RW
0
11
0x0
B
Table 141. CH3_SAFETY_RELEVANT
Register Name
Address
Field Name
Type
Bit
Offset
Bit
Width
Reset
Value
Reset
CH3_SAFETY_RELEVANT
0x35
UNUSED_4
RW
15
1
0x0
B
SRR
UNUSED_3
RW
14
1
0x0
B
UNUSED_2
RW
13
1
0x0
B
STP_VGS_3_REACT_CFG
00: Full SW Off – disable all HB drivers
and CPs, device is sent in SAFE-OFF
mode (Default)
01: Reduced Operation Mode – disable
failing HB only, device remains in
NORMAL mode
10: Flag only – down-rate fault to simple
warning, device remains in NORMAL
mode
11: Flag only – down-rate fault to simple
warning, device remains in NORMAL
mode
RW
11
2
0x0
B
UNUSED_1
RW
10
1
0x0
B
UNUSED_0
RW
9
1
0x0
B
LS3_STB_REACT_CFG
RW
7
2
0x0
B
HS3_STG_REACT_CFG
RW
5
2
0x0
B
CRC
RW
0
5
0x17
B
L9908
Serial Peripheral Interface (SPI)
DS13546 - Rev 3
page 129/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com