Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LD20 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 47Page - STMicroelectronics L99LD20 Datasheet HTML 48Page - STMicroelectronics L99LD20 Datasheet HTML 49Page - STMicroelectronics L99LD20 Datasheet HTML 50Page - STMicroelectronics L99LD20 Datasheet HTML 51Page - STMicroelectronics L99LD20 Datasheet HTML 52Page - STMicroelectronics L99LD20 Datasheet HTML 53Page - STMicroelectronics L99LD20 Datasheet HTML 54Page - STMicroelectronics L99LD20 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
DS11366 Rev 3
51/61
L99LD20
Electrical specifications
60
5.4.3
SPI
Note:
See also Chapter 4: SPI functional description.
Table 37. SPI signal description
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
CSN
Chip Select Not
High State
0.7 * V3V3
—
V3V3
V
Low State
—
0.3 * V3V3
SCK
Serial Clock
High State
0.7 * V3V3
—
V3V3
V
Low State
—
0.3 * V3V3
SDI
Serial data Input
High State
0.7 * V3V3
—
V3V3
V
Low State
—
0.3 * V3V3
SDO
Serial data Output - High State
IOUT = -1 mA
VSPI-0.5
VSPI-0.2
—
V
Serial data Output - Low State
IOUT = 1 mA
—
0.2
0.5
ILK
Output leakage current
—
-1
—
1
µA
Table 38. SPI timings
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Tsck
Serial clock (SCK) period
250
ns
THsck
SCK high time
100
ns
TLsck
SCK low time
100
ns
Trise_in
CSN, SCK, SDI rise time
Fsck = 4 MHz
25
ns
Tfall_in
CSN, SCK, SDI fall time
Fsck = 4 MHz
25
ns
THcsn
CSN high time
6
µs
TScsn
CSN setup time, CSN low
before SCK rising
100
ns
TSsck
SCK setup time, SCK low
before CSN rising
100
ns
TSsdi
SDI setup time before SCK
rising
25
ns
Thold_sdi
SDI hold time
25
ns
Tcsn_v
CSN falling until SDO valid
Cout = 50 pF;
Iout = ±1 mA
100
ns
Tcsn_v
CSN rising until SDO tristate
Cout = 50 pF;
Iout = ±4 mA
100
ns
Tsck_v
SCK falling until SDO valid
Cout = 50 pF
60
ns
TRsdo
SDO rise time
Cout = 50 pF;
Iout = -1 mA
50
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com