Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LD20 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99LD20
Description  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 12Page - STMicroelectronics L99LD20 Datasheet HTML 13Page - STMicroelectronics L99LD20 Datasheet HTML 14Page - STMicroelectronics L99LD20 Datasheet HTML 15Page - STMicroelectronics L99LD20 Datasheet HTML 16Page - STMicroelectronics L99LD20 Datasheet HTML 17Page - STMicroelectronics L99LD20 Datasheet HTML 18Page - STMicroelectronics L99LD20 Datasheet HTML 19Page - STMicroelectronics L99LD20 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
Functional description
L99LD20
16/61
DS11366 Rev 3
3.1.2
Pre-standby mode
The device enters Pre-standby mode under the following conditions:
•
upon the two following consecutive SPI frames setting:
–
UNLOCK = 1
–
(EN, GOSTBY) = (0, 1)
The Pre-standby mode characteristics are:
•
V3V3 > VPOR
•
Bucks disabled
•
SPI active
The device leaves automatically Pre-standby mode entering standby:
•
if CSN High and DIN Low for a time t > tSTDBY
3.1.3
Reset mode
The device enters Reset mode under the following conditions:
•
By default, once the device leaves Standby mode;
•
If device state is Active mode, when one of the following events occur:
–VSPI under voltage;
–
Watchdog failure
–
One SPI frame setting (EN,GOSTBY) = (0,0)
–
Two consecutive SPI frames setting
UNLOCK = 1
(EN,GOSTBY) = (1,1)
The Reset mode characteristics are:
•
V3V3 > VPOR
•
All the control and status registers set to their default values
•
SPI inactive
The device leaves automatically Reset mode and enters Limp home after 400 ns (typical).
3.1.4
Limp home
The device enters Limp Home automatically 400 ns after Reset mode.
Limp home characteristics are:
•
Direct Input access enabled
•
Buck1 according DIN
•
Buck2 OFF
•
SPI active:
–
All SPI write operations must be allowed without any effects on the device
behavior.
When the device leaves this mode, it can enter Standby or Active mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com