Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081C3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 15Page - STMicroelectronics SPSB081C3 Datasheet HTML 16Page - STMicroelectronics SPSB081C3 Datasheet HTML 17Page - STMicroelectronics SPSB081C3 Datasheet HTML 18Page - STMicroelectronics SPSB081C3 Datasheet HTML 19Page - STMicroelectronics SPSB081C3 Datasheet HTML 20Page - STMicroelectronics SPSB081C3 Datasheet HTML 21Page - STMicroelectronics SPSB081C3 Datasheet HTML 22Page - STMicroelectronics SPSB081C3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 135 page
background image
Version
Function
Comments
Operating modes
Active mode
V1_standby static
mode (cyclic
sense)
VBAT_standby
static mode
(cyclic sense)
3.4.5
Wake-up
Off
Active
Active(3)
3.4.6
HS-cyclic supply
Oscillator time
base
On/Off
On (2)/Off
On (2)/Off
3.4.7
LIN
LIN 2.2a
On (2)
Off
Off(4)
3.4.8
CAN FD
On/Off
Off(4)
Off(4)
3.4.9
Oscillator
On
On/Off
On/Off(6)
3.4.10
Vs monitor
On
On/Off (7)
On/Off (7)
3.4.11
OUT1 (P-channel
HS)
On/Off(2)
On/Off(2)
On/Off(2)
3.4.12
OUT2 (P-channel
HS)
On/Off(2)
On/Off(2)
On/Off(2)
3.4.13
OUT3 (P-channel
HS)
On/Off(2)
On/ Off(2)
On/ Off(2)
3.4.14
OUT4 (P-channel
HS)
On/Off(2)
On/ Off(2)
On/ Off(2)
3.4.15
Thermal shutdown
TSD2
On
On
Off
3.4.16
Thermal shutdown
TSD1x (for P-
channel HS)
On
On (8)
On/Off(2)
1. Supply the processor in low current mode.
2. According to SPI setting
3. Unless disabled by SPI
4. The bus state is internally stored when going to standby mode. A change of bus state will lead to a wake-up after exceeding
of internal filter time (if wake up by LIN or CAN is not disabled by SPI).
5. After power-on, the CAN FD transceiver is in ‘CAN Trx standby’ mode. It is activated by SPI command (CAN_ACT = 1)
6. ON, if is enabled at least one of the following: Cyclic sense, OUT1, OUT2, OUT3, OUT4, V2.
7. ON when at least one OUTx is enabled and OFF when OUTx are disabled.
8. V1, V2, OUT1, OUT2, OUT3, and OUT4 are thermal monitored.
SPSB081
Functional overview (truth table)
DS14048 - Rev 1
page 19/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com