Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB081C3 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPSB081C3
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081C3 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPSB081C3 Datasheet HTML 35Page - STMicroelectronics SPSB081C3 Datasheet HTML 36Page - STMicroelectronics SPSB081C3 Datasheet HTML 37Page - STMicroelectronics SPSB081C3 Datasheet HTML 38Page - STMicroelectronics SPSB081C3 Datasheet HTML 39Page - STMicroelectronics SPSB081C3 Datasheet HTML 40Page - STMicroelectronics SPSB081C3 Datasheet HTML 41Page - STMicroelectronics SPSB081C3 Datasheet HTML 42Page - STMicroelectronics SPSB081C3 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 135 page
background image
3.21
Thermal clusters
To provide an advanced on-chip temperature control, the power outputs are grouped in four clusters with
dedicated thermal sensors. The sensors are suitably located on the device. In case the temperature of a cluster
reaches the thermal shutdown threshold, the outputs assigned to this cluster are shut down (all other outputs
remain active). Each output cluster has a dedicated temperature warning and shutdown flag (SR7 & SR8). Hence,
the thermal cluster concept identifies a group of outputs in which one or more channels are in overload condition.
If thermal shutdown has occurred within an output cluster, or if temperature is rising within a cluster, it may be
desired to identify which of the output(s) is (are) determining the temperature increase.
Thermal clusters can be configured using bit TSD_CLUSTER_EN (CR20):
•
Standard mode (default): as soon as any cluster reaches thermal threshold the device is switched off. V1
regulator remains on and is switched off reaching TSD2.
All the thermal sensors are put in “OR”.
In fact, if one of these sensors reaches TSD1:
•
All outputs drivers and V2 are turned OFF.V1 remains on until TSD2.LIN and CAN transmitter are turned
OFF (but they are forced in "receive only" mode).
•
Cluster mode: only the cluster, which reached shutdown temperature is switched off.
In case cluster Th_CL1 reaches TSD1:
•
V1 remains ON until TSD2
In case cluster Th_CL4 reaches TSD1.
•
All outputs drivers and V2 are turned OFF.V1 remains on until TSD2.
•
LIN and CAN transmitter are turned OFF (but they are forced in "receive only" mode).
Figure 25. Thermal clusters identification
Table 11. Thermal cluster definition
Th_CL1
Th_CL2
Th_CL3
Th_CL4
V1
V2
OUT1, OUT2, OUT3, OUT4
Global
TW & TSD1 TSD2
TW & TSD1
TW & TSD1
TW,
TSD1
SPSB081
Thermal clusters
DS14048 - Rev 1
page 39/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com