Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8135GA Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA8135GA
Description  Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135GA Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA8135GA Datasheet HTML 11Page - STMicroelectronics STA8135GA Datasheet HTML 12Page - STMicroelectronics STA8135GA Datasheet HTML 13Page - STMicroelectronics STA8135GA Datasheet HTML 14Page - STMicroelectronics STA8135GA Datasheet HTML 15Page - STMicroelectronics STA8135GA Datasheet HTML 16Page - STMicroelectronics STA8135GA Datasheet HTML 17Page - STMicroelectronics STA8135GA Datasheet HTML 18Page - STMicroelectronics STA8135GA Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
3.6
eSRAM
256 KB of embedded RAM are available on top of the TCM RAM.
The eSRAM is directly connected to the MCU through the AXI bus. It can be used for data and instruction.
3.7
Serial Flash Memory Controller (SFC)
The Serial Flash Memory Controller supports single, quad and octal memories. It can be used for in place
execution thanks to direct memory mapping.
3.8
SSP
STA8135GA has one Synchronous Serial Ports (SSPs). The SSP is a master or slave interface that enables
synchronous serial communication with slave or master peripherals having one of the following:
•
Serial peripheral interface bus standards
•
Synchronous serial protocol bus standards
•
Micro-wire interface bus standards
•
Unidirectional interface
In both master and slave configurations, the SSP has the following features:
•
Parallel-to-serial conversion on data written to an internal 32-bit wide, 32-location deep transmit FIFO
•
Serial-to-parallel conversion on received data, buffering it in a 32-bit wide, 32-location deep receive FIFO
•
Programmable data frame size from 4 to 32 bits
•
Programmable clock bit rate and pre-scaler
•
Programmable clock phase and polarity in SPI mode
•
Support for direct memory access (DMA)
3.9
UART
The UARTx performs serial-to-parallel conversion on data asynchronously received from a peripheral device on
UARTx_RX pin, and parallel-to-serial conversion on data written by CPU for transmission on UARTx_TX pin. The
transmit and receive paths are buffered with internal FIFO memories allowing up to 64 data byte for transmission,
and 64 data byte with 4-bit status (break, frame, parity, and overrun) to receive. FIFOs may be burst-loaded or
emptied by the system processor or DMA, from one to sixteen words per transfer.
3.10
Watchdog Timer (WDT)
Watchdog Timer (WDT) provides a way of recovering from software crashes. The watchdog clock is used to
generate a regular interrupt (Irq_wdt), depending on a programmed value.
The watchdog monitors the interrupt and asserts a reset signal (WDOGRES) if the interrupt remains unserviced
for the entire programmed period. The WDT is counting down at a fixed frequency of 32.768 kHz.
The watchdog timer peripheral can be used as free-running timer or as watchdog to resolve processor
malfunctions due to hardware or software failures.
Feature set overview:
•
16-bit down counter
•
8-bit clock pre-scaler
•
Safe reload sequence
•
Free-running timer mode
•
End of counting interrupt generation
STA8135GA
eSRAM
DB4575 - Rev 1
page 15/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com