Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOR-G7L Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # FOR-G7L
Description  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FOR-G7L Datasheet(HTML) 1 Page - Omron Electronics LLC

  FOR-G7L Datasheet HTML 1Page - Omron Electronics LLC FOR-G7L Datasheet HTML 2Page - Omron Electronics LLC FOR-G7L Datasheet HTML 3Page - Omron Electronics LLC FOR-G7L Datasheet HTML 4Page - Omron Electronics LLC FOR-G7L Datasheet HTML 5Page - Omron Electronics LLC FOR-G7L Datasheet HTML 6Page - Omron Electronics LLC FOR-G7L Datasheet HTML 7Page - Omron Electronics LLC FOR-G7L Datasheet HTML 8Page - Omron Electronics LLC FOR-G7L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
G
7
L
G7L
Power Relay
A High-capacity,
High-dielectric-strength Relay
Compatible with Momentary
Voltage Drops
• No contact chattering for momentary voltage drops up to 50% of
rated voltage.
• Wide-range AC-activated coil that handles 100 to 120 or 200 to
240 VAC at either 50 or 60 Hz.
• Miniature size for maximum switching power, particularly for
inductive loads.
• Flame-resistance materials (UL94V-0-qualifying) used for all
insulation material.
• Quick-connect, screw, and PCB terminals, and DIN track
mounting available.
• Conforms to UL, CSA, TUV and meets IEC950.
• Safety design with contact gap of 3 mm.
■List of E-bracket Mounting Models
RoHS Compliant
Mounting E-brackets
DIN Track
Mounting
Adapter
Front-connecting
Socket
Terminal
Contact
form
Model
Test button
Quick-
connect
terminals
SPST-NO
G7L-1A-T
−

Note. Accessories: E-bracket (R99-07), Adapter (P7LF-D),
Front-connecting socket (P7LF-06) and Cover
(P7LF-C) sold separately.
G7L-1A-TJ With test button

DPST-NO
G7L-2A-T
−

G7L-2A-TJ With test button

Screw
terminals
SPST-NO
G7L-1A-B
−

−
G7L-1A-BJ With test button

−
DPST-NO
G7L-2A-B
−

−
G7L-2A-BJ With test button

−
Note. Accessories: E-bracket, Adapter, Front-connecting socket
and Cover sold separately.
■Application Examples
Compressors for air conditioners
and heater switching controllers.
Switching controllers for power tools
or motors.
Power controllers for water heaters.
Power controllers for dryers.
Lamp controls, motor drivers, and
power supply switching in copy
machines, facsimile machines, and
other office equipment.
Lighting controllers.
Power controllers for packers or
food processing equipment.
Magnetron control in microwaves.
Power controllers for Uninterruptible
Power Supply (UPS)
■Model Number Legend
G7L-
@@-@@@
—— ———
12
34 5
1. Number of Poles
1: 1 pole
2: 2 poles
2. Contact Form
A:
@PST-NO
3. Terminal Shape
T: Quick connect
terminals (#250)
B: Screw terminals
P: PCB terminals
4. Mounting Construction
Blank: E-bracket
UB : Upper bracket
5. Special Functions
J : With test button
■Model Configuration
Terminal
Quick-connect
terminals
Screw terminals
PCB terminals
Classification
Contact form
E-bracket
mounting
(E-bracket is
sold separately)
−
SPST-NO
G7L-1A-T
G7L-1A-B
−
DPST-NO
G7L-2A-T
G7L-2A-B
−
With test
button
SPST-NO
G7L-1A-TJ
G7L-1A-BJ
−
DPST-NO
G7L-2A-TJ
G7L-2A-BJ
−
Upper bracket
mounting
−
SPST-NO
G7L-1A-TUB
G7L-1A-BUB
−
DPST-NO
G7L-2A-TUB
G7L-2A-BUB
−
With test
button
SPST-NO
G7L-1A-TUBJ
G7L-1A-BUBJ
−
DPST-NO
G7L-2A-TUBJ
G7L-2A-BUBJ
−
PCB mounting
−
SPST-NO
−−
G7L-1A-P
DPST-NO
−−
G7L-2A-P


Similar Part No. - FOR-G7L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FOR361B NSC-FOR361B Datasheet
371Kb / 4P
Fiber-Optic Receiver
FOR361B-1 NSC-FOR361B-1 Datasheet
371Kb / 4P
Fiber-Optic Receiver
FOR361B-2 NSC-FOR361B-2 Datasheet
371Kb / 4P
Fiber-Optic Receiver
logo
Sensata Technologies, I...
FORCE-SENSORS SENSATA-FORCE-SENSORS Datasheet
363Kb / 3P
FORCE SENSORS
Revised 02/21/18
More results

Similar Description - FOR-G7L

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TX2-12V NAIS-TX2-12V Datasheet
166Kb / 7P
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
High Capacity Relay HY
logo
Bruckewell Technology L...
KBL400 BWTECH-KBL400_10 Datasheet
354Kb / 4P
High case dielectric strength
KBP200-KBP210 BWTECH-KBP200-KBP210 Datasheet
331Kb / 4P
High case dielectric strength
logo
American Zettler, Inc.
AZ2150W AZETTLER-AZ2150W Datasheet
441Kb / 2P
High dielectric strength version available
logo
Adam Technologies, Inc.
RT3-5-L2-SMT ADAM-TECH-RT3-5-L2-SMT Datasheet
98Kb / 1P
RELAY 2KV DIELECTRIC STRENGTH SMT TYPE
logo
HY ELECTRONIC CORP.
D6KB6L HY-D6KB6L Datasheet
52Kb / 2P
High case dielectric strength
logo
GeneSiC Semiconductor, ...
GBL04 GENESIC-GBL04 Datasheet
352Kb / 3P
High case dielectric strength
logo
Hongfa Technology
HFD4-V HONGFA-HFD4-V Datasheet
777Kb / 5P
SUBMINIATURE HIGH DIELECTRIC STRENGTH SIGNAL RELAY
logo
Omron Electronics LLC
G7L-V1 OMRON-G7L-V1 Datasheet
3Mb / 13P
A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com