Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOR-G7L Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # FOR-G7L
Description  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FOR-G7L Datasheet(HTML) 4 Page - Omron Electronics LLC

  FOR-G7L Datasheet HTML 1Page - Omron Electronics LLC FOR-G7L Datasheet HTML 2Page - Omron Electronics LLC FOR-G7L Datasheet HTML 3Page - Omron Electronics LLC FOR-G7L Datasheet HTML 4Page - Omron Electronics LLC FOR-G7L Datasheet HTML 5Page - Omron Electronics LLC FOR-G7L Datasheet HTML 6Page - Omron Electronics LLC FOR-G7L Datasheet HTML 7Page - Omron Electronics LLC FOR-G7L Datasheet HTML 8Page - Omron Electronics LLC FOR-G7L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
G7L
Power Relay
G
7
L
Ambient Temperature vs.
Coil Temperature Rise
G7L-1A 120 VAC (50 Hz)
G7L-1A VDC
Shock Malfunction
G7L-2A-T (TUB) 100 to 120 VAC
Momentary Voltage Drop Test
G7L-2A-T (TUB) 100 to 120 VAC
Test Circuit
Wave resulted from test
Voltage distribution of wave e which
chattering does not occur.
Characteristic variation resulted from different mounting directions
G7L-2A-T (TUB) 100 to 120 VAC
Operate time
Release time
Operate voltage
Release voltage
(Note.)The mounting direction A’ deteriorates switching performance.
Actual Load Endurance Test
G7L-2A 100 to 200 VAC
Operate and Release voltages
N = 5
Contact resistance
Operate and Release voltages
N = 5
Contact resistance
Load conditions
Load conditions
•1
φ 220 VAC
• 1
φ 220 VAC
-40
Ambient temperature (°C)
80
60
40
20
0
0 A
15 A
30 A
N=5
-20
0
20
40
60
80
80
60
40
20
0
-40
Ambient temperature (°C)
0 A
15 A
30 A
N=5
-20
0
20
40
60
80
Y
X
Z'
X'
Z
100
100
200
300
400
500
100
300
400
500
200
100
300
400
500
200
500
300
200
100
400
100
200
300
400
500
200
300
400
500
Y'
Unit: (m/s2)
N = 5
Test method: The value at which
malfunction occurred
was measured after
applying shock to the
test piece 3 times
each in 6 directions
along 3 axes.
Standard:
100m/s2
Shock direction
X
Y
Z
Z'
Y'
X'
Ch2
Ch1
Ch1
ON
OFF
(contact)
Ch2
(coil)
Rated
voltage
Without chattering
e
40
20
60
80
100
On the basis of rated voltage (%)
8
6
4
2
0
n=10
25
20
15
10
5
0
A
Top
Bottom (Standard)
Mounting direction
(Note)
A'
B
B'
C
C'
N = 5
Operate time
35
30
25
20
15
0
A
Top
Bottom(Standard)
Mounting direction
(Note)
A'
B
B'
C
C'
N = 5
Release time
80
70
60
50
40
0
A
Top
Bottom(Standard)
Mounting direction
(Note)
A'
B
B'
C
C'
N = 5
Operate voltage
50
40
30
20
10
0
A
Top
Bottom(Standard)
Mounting direction
(Note)
A'
B
B'
C
C'
N = 5
Release voltage
0.7
0.5
1
3
5
7
10
30
50
Switching operations (×104 operations)
70
60
50
40
30
20
10
0
Operate voltage
Release voltage
N = 5
0.7
0.5
1
3
5
7
10
30
50
100
80
60
40
20
0
N = 5
Switching operations (×104 operations)
0.07
0.05
0.1
0.3
0.5
1
3
5
70
60
50
40
30
20
10
0
Operate
voltage
Release
voltage
N = 5
Switching operations (×104 operations)
0.07
0.05
0.1
0.3
0.5
1
3
5
50
40
30
20
10
0
N = 5
Switching operations (×104 operations)
70 A cos
φ = 0.4
20 A cos
φ = 0.4
0.2s
1s
1s
• Applied coil voltage: 100% of rated
voltage
54 A cos
φ = 0.79
(Compressor Lock Test)
0.5s
10s
• Applied coil voltage: 100% of rated
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com