Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF70 Datasheet(PDF) 29 Page - Texas Instruments

Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 29 Page - Texas Instruments

Back Button REF70_V06 Datasheet HTML 25Page - Texas Instruments REF70_V06 Datasheet HTML 26Page - Texas Instruments REF70_V06 Datasheet HTML 27Page - Texas Instruments REF70_V06 Datasheet HTML 28Page - Texas Instruments REF70_V06 Datasheet HTML 29Page - Texas Instruments REF70_V06 Datasheet HTML 30Page - Texas Instruments REF70_V06 Datasheet HTML 31Page - Texas Instruments REF70_V06 Datasheet HTML 32Page - Texas Instruments REF70_V06 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
0
0.4
0.8
1.2
1.6
2
1PF
10PF
Figure 10-4. REF70 Turn-on Time
For DAC designs that do not have the RCM feature, use Figure 10-5 as it in generates the negative reference
circuit to create the VREFN. More details on this type of design can be found in SBAA322.
REF7050
Copyright © 2020, Texas Instruments Incorporated
GND
OUTS
OUTF
VIN EN
VIN
CL
CIN
C1
C2
VREFL-S
DAC8871
VCC
10 k
R2
R1
10 k
VSS
VREFL-F
VCC
VSS
VCC
VSS
VREFH-F
VREFH-S
Figure 10-5. Basic Force and Sense Reference Drive Circuit Connections
www.ti.com
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com