Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF70 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF70_V06 Datasheet HTML 13Page - Texas Instruments REF70_V06 Datasheet HTML 14Page - Texas Instruments REF70_V06 Datasheet HTML 15Page - Texas Instruments REF70_V06 Datasheet HTML 16Page - Texas Instruments REF70_V06 Datasheet HTML 17Page - Texas Instruments REF70_V06 Datasheet HTML 18Page - Texas Instruments REF70_V06 Datasheet HTML 19Page - Texas Instruments REF70_V06 Datasheet HTML 20Page - Texas Instruments REF70_V06 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
8 Parameter Measurement Information
8.1 Solder Heat Shift
The materials used in the manufacture of the REF70 have differing coefficients of thermal expansion, resulting
in stress on the device die when the part is heated during soldering process. Mechanical and thermal stress on
the device die can cause the output voltages to shift, degrading the initial accuracy specifications of the product.
Reflow soldering is a common cause of this error. In order to illustrate this effect, a total of 32 devices were
soldered on two printed circuit boards [16 devices on each printed circuit board (PCB)] using lead-free solder
paste and the paste manufacturer suggested reflow profile. The reflow profile is as shown in Figure 8-1. The
printed circuit board is comprised of FR4 material. The board thickness is 1.65 mm and the area is 114 mm ×
152 mm.
For recommended reflow profiles using 'Sn-Pb Eutectic Assembly' or 'Pb-Free Assembly' please refer JEDEC
J-STD-020 standard.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
Figure 8-1. Reflow Profile
The reference output voltage is measured before and after the reflow process. Although all tested units exhibit
very low shifts, higher shifts are also possible depending on the size, thickness, and material of the printed circuit
board. An important note is that the Figure 8-2 display the typical shift for exposure to a single reflow profile.
Exposure to multiple reflows, as is common on PCBs with surface-mount components on both sides, causes
additional shifts in the output bias voltage. If the PCB is exposed to multiple reflows, the device must be soldered
in the last pass to minimize its exposure to thermal stress.
Solder Shift (%)
0
20%
40%
60%
80%
0
0.01
0.02
0.03
0.04
0.05
Figure 8-2. Solder Shift
www.ti.com
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com