Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54VCXH163245 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 54VCXH163245
Description  Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH163245 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 54VCXH163245 Datasheet HTML 3Page - STMicroelectronics 54VCXH163245 Datasheet HTML 4Page - STMicroelectronics 54VCXH163245 Datasheet HTML 5Page - STMicroelectronics 54VCXH163245 Datasheet HTML 6Page - STMicroelectronics 54VCXH163245 Datasheet HTML 7Page - STMicroelectronics 54VCXH163245 Datasheet HTML 8Page - STMicroelectronics 54VCXH163245 Datasheet HTML 9Page - STMicroelectronics 54VCXH163245 Datasheet HTML 10Page - STMicroelectronics 54VCXH163245 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
3
Electrical characteristics
In Table 5. Electrical characteristics below, Top = -55 °C to 125 °C, VCC = 1.4 V to 3.6 V, unless otherwise
specified. Each input/output, as applicable, is tested at the specified temperature, for the specified limits. Non-
designated output terminals are high level logic, low level logic or open, except for all ICC tests, where the output
terminals are open. When performing these tests, the current meter must be placed in the circuit so that all
current flows through the meter.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
VCCA (V)
VCCB (V)
Min.
Max.
Unit
VIC-
Negative
input clamp
voltage
IIN = -1 mA
Open
Open
-1.5
-0.4
V
VOH
High-level
output
voltage
Bus A output
VIN = VIH(min) or
VIL(max)
IOH = -100 µA
3
2.3
2.8
IOH = -8 mA
3
2.3
2.4
IOH = -8 mA
3
1.65
2.4
IOH = -6 mA
2.3
1.65
1.8
Bus B output
VIN = VIH(min) or
VIL(max)
IOH = -100 µA
3
2.3
2.1
IOH = -18 mA
3
2.3
1.7
IOH = -6 mA
3
1.65
1.25
IOH = -6 mA
2.3
1.65
1.25
VOL
Low-level
output
voltage
Bus A output
VIN = VIH(min) or
VIL(max)
IOL = 100 µA
3
2.3
0.2
IOL = 8 mA
3
2.3
0.55
IOL= 8 mA
3
1.65
0.55
IOL = 6 mA
2.3
1.65
0.4
Bus B output
VIN = VIH(min) or
VIL(max)
IOL = 100 µA
3
2.3
0.2
IOL = 18 mA
3
2.3
0.6
IOL = 6 mA
3
1.65
0.3
IOL = 6 mA
2.3
1.65
0.3
VIH
High-level
input voltage
Bus A
1.8
1.8
0.65 x VCCA
2.5
2.5
1.6
3.3
3.3
2
Bus B
1.8
1.8
0.65 x VCCB
2.5
2.5
1.6
3.3
3.3
2
VIL
Low-level
input voltage
Bus A
1.8
1.8
0.35 x VCCA
V
2.5
2.5
0.7
3.3
3.3
0.8
Bus B
1.8
1.8
0.35 x VCCB
2.5
2.5
0.7
3.3
3.3
0.8
54VCXH163245
Electrical characteristics
DS11681 - Rev 7
page 7/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com