Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54VCXH163245 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 54VCXH163245
Description  Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54VCXH163245 Datasheet(HTML) 2 Page - STMicroelectronics

  54VCXH163245 Datasheet HTML 1Page - STMicroelectronics 54VCXH163245 Datasheet HTML 2Page - STMicroelectronics 54VCXH163245 Datasheet HTML 3Page - STMicroelectronics 54VCXH163245 Datasheet HTML 4Page - STMicroelectronics 54VCXH163245 Datasheet HTML 5Page - STMicroelectronics 54VCXH163245 Datasheet HTML 6Page - STMicroelectronics 54VCXH163245 Datasheet HTML 7Page - STMicroelectronics 54VCXH163245 Datasheet HTML 8Page - STMicroelectronics 54VCXH163245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
Functional description
Figure 1. Logic diagram
Table 1. Truth table
Inputs
Function
Outputs
Comments
m G
mDIR
Bus A
Bus B
L
L
Output
Input
A = B
H = high-voltage level
L = low-voltage level
Z = high impedance
X = irrelevant or don’t care
L
H
Input
Output
B = A
H
X
Z
Z
Z
54VCXH163245
Functional description
DS11681 - Rev 7
page 2/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com