Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9409 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9409
Description  Alternator voltage regulator with load response control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9409 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9409 Datasheet HTML 5Page - STMicroelectronics L9409 Datasheet HTML 6Page - STMicroelectronics L9409 Datasheet HTML 7Page - STMicroelectronics L9409 Datasheet HTML 8Page - STMicroelectronics L9409 Datasheet HTML 9Page - STMicroelectronics L9409 Datasheet HTML 10Page - STMicroelectronics L9409 Datasheet HTML 11Page - STMicroelectronics L9409 Datasheet HTML 12Page - STMicroelectronics L9409 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
L9409
Device description
Doc ID 022665 Rev 2
9/13
4.3
Lamp and relay driver
4.3.1
Description
The lamp driver has two functions:
Switch on the warning lamp in the dash board when any of fault operation occurs.
Judge if IG-SW is turned on or not.
4.3.2
Electrical characteristic
Tj = -40 to 150 °C unless otherwise specified.
4.3.3
Relay driver description
This terminal is used to provide a current to electric loads such as a Relay coil connected
between L terminal and GND. While L terminal is turned off, a current of max. 2.5 A is
provided to the relay coil, using a high side driver, between R terminal and L terminal, after a
time delay of 300 µs. The R terminal can be connected to the ignition switch, B terminal or it
can be left open.
4.3.4
Electrical characteristic
Tj = -40 to 150 °C unless otherwise specified.
Table 8.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VLSAT
Lamp driver saturation voltage
IL = 1 A @ -40 °C
1.2
-
1.4
IL = 1 A @ 25 °C
1.2
-
1.45
V
IL = 1 A @ 150 °C
1.2
-
1.50
V
VLON
Lamp on voltage
IL = 0.2 A, VB= open, Tj = -40 °C
4.7
-
6.2
V
IL = 0.2 A, VB= open, Tj = 25 °C
4.5
-
5.5
V
IL = 0.2 A, VB= open, Tj = 150 °C
3.5
-
5
V
ILIML
Limitation lamp current
-
-
-
2.5
A
VWU-L
Wake-up voltage at L terminal
-
0.8
1
1.1
V
IPD-L
Pull down current
VL = 0.8 V
0.8
-
3
mA
Table 9.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRSAT
Relay driver saturation voltage
IR= 1A @ 25 °C
0.2
-
0.6
V
IRTHR
Relay threshold current
-
1.3
-
2.5
A
TRD
Relay driver activation delay
-
-
300
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com