Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9409 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9409
Description  Alternator voltage regulator with load response control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9409 Datasheet(HTML) 1 Page - STMicroelectronics

  L9409 Datasheet HTML 1Page - STMicroelectronics L9409 Datasheet HTML 2Page - STMicroelectronics L9409 Datasheet HTML 3Page - STMicroelectronics L9409 Datasheet HTML 4Page - STMicroelectronics L9409 Datasheet HTML 5Page - STMicroelectronics L9409 Datasheet HTML 6Page - STMicroelectronics L9409 Datasheet HTML 7Page - STMicroelectronics L9409 Datasheet HTML 8Page - STMicroelectronics L9409 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2013
Doc ID 022665 Rev 2
1/13
13
L9409
Alternator voltage regulator with load response control
Features
IC regulator for 12 V type alternator
Fixed frequency regulation loop
130 mhigh side field driver
Fail safe device with double sensing of battery
voltage (VB and VS)
Load response control (LRC) function activates
after an initial time delay
Self start function from phase frequency
“Z” shaped regulation curve compliant with VW
specification.
Key recognition from L input
Field driver, lamp driver and relay driver short
protection
Complex diagnostics
Thermal shutdown at 175 °C
Description
The L9409 is a monolithic multifunction alternator
voltage regulator intended for use in automotive
applications.
The device regulates the output of an automotive
generator by controlling the field winding current
by means of either an analog fixed frequency
PWM signal or digital fixed frequency PWM signal
(LRC). The Load Response Control function is
activated in order to eliminate IC engine speed
fluctuation and vibrations caused by the insertion
of sudden electrical loads during alternator low
speed operations (f < 310 Hz). Both the analog
and digital duty cycle are applied to a high side
driver.
The device is able to regulate the voltage either
using a feedback signal from B pin or from S pin
depending on application needs. S pin is intended
to have a clear direct connection with the positive
terminal of the car battery. If this connection gets
lost the device will regulate voltage using B pin
giving a fail safe functionality.
Using L pin is possible to sense key switch and a
pre-excitation duty cycle is applied on the field coil
in order to start phase voltage sensing. In the
case L connection gets lost, device starts to
generate using residual magnetism of the
generator.
Field, lamp and relay drivers are protected
against short circuit.
Order codes
Multiwatt8
Table 1. Device summary
Order code
Junction temp range,
CPackage
Packing
L9409F
-40 to 150
Multiwatt8
Tube
www.st.com


Similar Part No. - L9409

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
L940-01V ROITHNER-L940-01V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-02V ROITHNER-L940-02V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-03V ROITHNER-L940-03V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-04V ROITHNER-L940-04V Datasheet
899Kb / 6P
Infrared LED Lamp
L940-05V ROITHNER-L940-05V Datasheet
899Kb / 6P
Infrared LED Lamp
More results

Similar Description - L9409

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
Alternator Voltage Regulator
33099 FREESCALE-33099 Datasheet
683Kb / 18P
Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com