Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7577BLVPDTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7577BLVPDTR
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPDTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7577BLVPDTR Datasheet HTML 8Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 9Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 10Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 11Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 12Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 13Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 14Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 15Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Electrical specifications
TDA7577BLV
12/43
DocID025375 Rev 5
Lnop
Normal load det.
Power amplifier in standby
4.5
-
180
Ω
Permanent diagnostics (Power amplifier mode or line driver mode)
Pgnd
Short to GND det. (below this limit,
the Output is considered in Short
Circuit to GND)
Power amplifier in Mute or Play
condition, one or more short
circuits protection activated
-
-
1.2
V
Pvs
Short to Vs det. (above this limit, the
Output is considered in Short Circuit
to VS)
-
Vs -
0.9
--
V
Pnop
Normal operation
thresholds.(Within these limits, the
Output is considered without faults).
-
1.8
-
Vs -
1.5
V
Lsc
Shorted load det.
Pow. amp. mode
-
-
0.5
Ω
Line driver mode
-
-
1.5
Ω
VO
Offset detection
Power amplifier in play condition
AC input signals = 0
±1.5
±2
±2.5
V
INLH
Normal load current detection
VO < (VS - 5)pk IB2 (D0) = 0
500
-
-
mA
INLL
Normal load current detection
VO < (VS - 5)pk IB2 (D0) = 1
250
-
-
mA
IOLH
Open load current detection
VO < (VS - 5)pk IB2 (D0) = 0
-
-
250
mA
IOLL
Open load current detection
VO < (VS - 5)pk IB2 (D0) =1
-
-
125
mA
I2C bus interface
fSCL
Clock frequency
-
-
-
400
kHz
VIL
Input low voltage
-
-
-
1.5
V
VIH
Input high voltage
-
2.3
-
-
V
1. Saturated square wave output.
2. Voltage ramp on Mute pin:
from 350 mV to 3.05 V in 40 ms.
In case of I2C interface enabled command IB1(D2)=1 (Mute->Unmute) must be transmitted before to start the voltage ramp
on Mute pin.
3. Voltage ramp on Mute pin:
from 2.8 V to 1.2 Vin 40 ms.
In case of I2C interface enabled the I2C command IB1(D2)=0 (Unmute->Mute) must be NOT transmitted before to start the
voltage ramp on Mute pin.
4. ST-BY pin high enables the I2C bus; ST-BY pin low enables ST-BY condition: detailed pin levels description is contained in
paragraph 'I2C habilitation settings' .
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com