Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7577BLVPDTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7577BLVPDTR
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPDTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7577BLVPDTR Datasheet HTML 13Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 14Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 15Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 16Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 17Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 18Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 19Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 20Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
DocID025375 Rev 5
17/43
TDA7577BLV
Diagnostics functional description
42
4
Diagnostics functional description
4.1
Turn-on diagnostic
It is strongly recommended to activate this function at the turn-on (standby out) through I2C
bus request. Detectable output faults are:
SHORT TO GND
SHORT TO Vs
SHORT ACROSS THE SPEAKER
OPEN SPEAKER
To verify if any of the above misconnections is in place, a subsonic (inaudible) current pulse
(Figure 23) is internally generated, sent through the speaker(s) and sunk back. The Turn-on
diagnostic status is internally stored until a successive diagnostic pulse is requested (after a
I2C reading).
If the "standby out" and "diag. enable" commands are both given through a single
programming step, the pulse takes place first (during the pulse power stages stay off,
showing high impedance at the outputs).
Afterwards, when the Amplifier is biased, the permanent diagnostic takes place. The
previous turn-on state is kept until a short appears at the outputs.
Figure 23. Turn-on diagnostic: working principle
Fig. Figure 24 and Figure 25 show SVR and OUTPUT waveforms at the turn-on (standby
out) with and without turn-on diagnostic.
Figure 24. SVR and output behavior - case 1: without turn-on diagnostic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com