Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC312 Datasheet(PDF) 1 Page - Picker Components

Part # PC312
Description  Subminiature PCB Telecom Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC312 Datasheet(HTML) 1 Page - Picker Components

  PC312 Datasheet HTML 1Page - Picker Components PC312 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature PCB Telecom Relay
FEATURES
Subminiature design
PC Terminals on .1 in. grid pattern
Meets FCC part 68 voltage surge
Contact capacity from 1 mA to 5A
Class "B" insulation standard
Three coil sensitivities available
PC312
Rated Load
Max. Switching Current
2 Amps
1 Form C
UL/CSA RATINGS
CHARACTERISTICS
Operate Time
5 ms. Max.
Release Time
Insulation Resistance
5 ms. Max.
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1250 Vrms, 1 min. between coil and contacts
500 Vrms, 1 min. between open contacts: 750 Vrms, 1 min for S version
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Power Consumption
0.45 W, 0.36 W or 0.2 W
Ambient Temperature Range
-25 to 70 C operating, -30 to 130 storage
Weight
3.5 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC312 Rev D 4-8-04
PAGE 1
ORDERING INFORMATION
Example:
PC312
Model
Sealed, immersion cleanable
Coil Voltage
Coil Sensitivity
-12
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
100 milliohms max @ 0.1A, 6VDC (with Gold Plate)
1 X 107
1 X 10 5
Operations
Operations
SPDT
Nil: 0.36 W; B: 0.45 W; H: 0.2 W
File # E86876
H
Contact Form
Rated Load (Special)
3A & 5A @ 120VAC / 30VDC
1A @ 120VAC / 30 VDC
5 Amps
Ag (Fine Silver), Ag+Au (Fine Silver Gold Clad)
Surge Resistance
1500 V, between coil and contacts (FCC Part 68)
Max. Switching Current (S)
Minimum Load (Gold Plated)
1 mA @ 1 VDC
Nil: Standard, 2 Amp; S: Special 5 Amp
Current Rating
S
AgNi (Silver Nickel), AgCdO (Silver Cadmium Oxide)


Similar Part No. - PC312

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
PC312B-12 PICKER-PC312B-12 Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
PC312B-12B PICKER-PC312B-12B Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
PC312B-12BS PICKER-PC312B-12BS Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
PC312B-12H PICKER-PC312B-12H Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
More results

Similar Description - PC312

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4078B ETC-HG4078B Datasheet
1Mb / 2P
Subminiature PCB Telecom Relay
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
PC322 PICKER-PC322 Datasheet
158Kb / 2P
Subminiature PCB Telecom Relay
PC323 PICKER-PC323 Datasheet
177Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
Subminiature PCB Telecom Relay
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
Subminiature PCB Telecom Relay
logo
Picker Components
PC312 PICKER-PC312_14 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
PC322 PICKER-PC322_14 Datasheet
168Kb / 2P
Subminiature PCB Telecom Relay
PC324 PICKER-PC324_14 Datasheet
245Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com