Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC312 Datasheet(PDF) 2 Page - Picker Components

Part # PC312
Description  Subminiature PCB Telecom Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC312 Datasheet(HTML) 2 Page - Picker Components

  PC312 Datasheet HTML 1Page - Picker Components PC312 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC312
PC312
COIL DATA
Coil Voltage
5
6
12
18
24
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
20
56
80
320
720
1280
3.75
4.50
9.00
13.5
18.00
0.5
0.6
1.2
1.8
2.4
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
Tolerances + .010 unless otherwise noted
Notes:
3
2.25
0.3
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
9
180
6.75
0.9
Drawings are 2X actual size
+ 10%
Sensitivity Code B
0.45 W
Standard Sensitivity
0.36 W
Sensitivity Code H
0.2 W
25
70
100
400
900
1600
220
45
120
180
700
1620
2800
440
.01
(2.54)
.40
(10.2)
(7.6)
.30
(3.5)
.138
(11.5)
.453
(11.0)
.433
(16.0)
.630



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com