Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG1218 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 1 Page - STMicroelectronics

  STG1218 Datasheet HTML 1Page - STMicroelectronics STG1218 Datasheet HTML 2Page - STMicroelectronics STG1218 Datasheet HTML 3Page - STMicroelectronics STG1218 Datasheet HTML 4Page - STMicroelectronics STG1218 Datasheet HTML 5Page - STMicroelectronics STG1218 Datasheet HTML 6Page - STMicroelectronics STG1218 Datasheet HTML 7Page - STMicroelectronics STG1218 Datasheet HTML 8Page - STMicroelectronics STG1218 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
Wide operating voltage range
Total voltage: 2.7 V to 15.5 V
Positive supply: 2.7 V to 5.5 V
Negative supply: down to -12 V
Break before make feature
Quad channel with one control pin for all switches
Inhibit pin to set the swicthes in high impedance
Benefits
GaN and LDMOS compatible
Compatible with 1.8 V and 3.3 V standard logic levels
Applications
5G telecom infrastructure
Remote radio unit LDMOS and GaN
Gain selection for instrumentation
Description
The STG1218 is a quad channel analog switch (SPDT), which is able to
accommodate with positive and negative voltages. Each channel has an independent
selection pin, and a common inhibit pin. Thanks to its large operating voltage range
and low Ron, this switch can fit many applications such as RRU (both LDMOS and
GaN solutions). It is also a good operational amplifier companion chip used with
a standard 3.3 V single supply operation for gain selection. In addition, it has the
versatility to be compatible with 3.3 V and 1.8 V logic standard thresholds.
Logic
1S1
D1
1S2
2S1
D2
2S2
3S1
D3
Sel1 Sel2 Sel3 Sel4 INH
4S1
D4
4S2
STG1218
SWITCHES SHOWN FOR A 0
INPUT LOGIC
3S2
Product status link
STG1218
Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
STG1218
Datasheet
DS13729 - Rev 3 - December 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STG1218

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG15M120F3D7 STMICROELECTRONICS-STG15M120F3D7 Datasheet
263Kb / 10P
Trench gate field-stop 1200 V, 15 A low-loss M series IGBT die in D7 packing
16-Aug-2022
STG15M120F3D8 STMICROELECTRONICS-STG15M120F3D8 Datasheet
224Kb / 8P
1200 V, 15 A trench gate field‑stop M series low‑loss IGBT die in D8 packing
18-Jan-2022
logo
Surge Components
STG1K152MND2535 SURGE-STG1K152MND2535 Datasheet
341Kb / 3P
High ripple current, High reliability
More results

Similar Description - STG1218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI-TS5A22366 Datasheet
536Kb / 21P
0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI1-TS5A22366_14 Datasheet
403Kb / 23P
0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI-TS5A22366_15 Datasheet
896Kb / 25P
0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1534 AD-ADG1534 Datasheet
567Kb / 15P
4.5 Ω RON, 1.8 V Logic-Compatible Quad SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com