Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC-03J Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # ENC-03J
Description  PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

ENC-03J Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  ENC-03J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
576
CG01-J Rev. 1
SENSORS
SHOCK SENSORS
PKGS SERIES
This series of piezo shock detectors
allows internal mounting due to its size.
FEATURES
I Small size, low-profile, high-sensitivity
and excellent shock resistance
I Reflow solderable SMD type
I Possible to be supplied in a tape
and reel
I Wide measurement frequency band
due to high resonant frequency and
large capacitance
APPLICATIONS
I Detection of shock to protect small
HDD from damaging the data
I Shock detection and protection of
home appliances, audio-visual
equipment, industrial equipment, etc.
I Burglar alarm systems
I Other general applications requiring
measurement of acceleration
For more detailed information regarding this product line in North America, call 1-800-831-9172.
SPECIFICATIONS
Primary
Voltage
Operating
Part Number Axis Inclined
Sensitivity
Capacitance
Insulation
Resonant
Non-
Shock
and Storage
Angle
(Primary Axis
Resistance
Frequency
Linearity
Resistance
Temperature
Direction)
Range
PKGS-00ME
0°
0.85mV/G ± 15%
160pF ± 20%
PKGS-25ME
25°
0.85mV/G ± 15%
170pF ± 20%
30kHz (typ.)
PKGS-45ME
45°
0.89mV/G ± 15%
210pF ± 20%
500M
min.
1% (typ.)
1500G
–40 ~ +85°C
PKGS-00LC
0°
2.10mV/G ± 10%
420pF ± 20%
20kHz (typ.)
PKGS-90LC
90°
2.10mV/G ± 10%
420pF ± 20%
PKGS-00RA
0°
0.77mV/G ± 15%
760pF ± 20%
30kHz (typ.)
–40 ~ +125°C
OLD PART NUMBERING SYSTEM
PKGS
–
XX
–
SERIES
PRIMARY ANGLE OF DETECTION
FAMILY
PACKAGING
Shock Sensor
00: 0°
TC: Tape
25: 25°
45: 45°
90: 90°
Note: 1G = 9.8m/s2
DIMENSIONS: mm
1.2
1.2
Bottom
Top
Indication
Polarity Marking
1.2
0.6
2.3
0.5
1.2
4.8
1.1
00LC
*
M
1.5
1.5
Bottom
Top
2.1
Polarity Marking
1.5
1.5
0.8
6.4
0.7
2.8
PK
GS-25
ME
1
-R
PRODUCT ID
SERIES
CHARACTERISTICS
INDIVIDUAL
PACKAGING
SPECIFICATION
CODE
*Global Part Number shows only an example which might be different from actual part number.
*“Characteristics”, “Individual Specification Code” and “Packaging” might have different digit
number from actual Global Part Number.
NEW PART NUMBERING SYSTEM
1.1
ORA
*
M
Land Pattern
1.5
±0.3
Bottom
Top
Marking
Polarity Marking
(Positive)
1.5
±0.3
0.4
2.8
6.4
1.5
±0.1
1.5
±0.3
1.5
±0.3
1.5
1.5
3.4
3.8
1.4
1.2
PKGS-00/25/45ME
PKGS-00/90LC
PKGS-00RA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com