Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC-03J Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd

Part # ENC-03J
Description  PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

ENC-03J Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd

  ENC-03J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CG01-J Rev. 1
577
SENSORS
ULTRASONIC SENSORS
MA40 SERIES
MA40 SERIES
OPEN TYPE FEATURES
I Small size: 10 and 16
I Combined types
I High SPL types
I Low voltage/current types
APPLICATIONS
I Burglar alarms
I Object detection devices
I Distance measurement devices
MA40E SERIES
WATERPROOF TYPE FEATURES
40kHz Sensors
I Waterproof
I Many types leaded/not
I Short ringing time
I Directive models
APPLICATIONS
I Rear backing sonar
I Corner sonar
For more detailed information regarding this product line in North America, consult us.
To receive additional information on Murata Products call 1-800-831-9172.
DIMENSIONS: mm
MA40S4R/S
MA40E7S-1
MA40B8R/S
MA40MF14-1B
MA40S5
MA40E7R/S
MA40B7
MA40E8-2
SPECIFICATIONS
Part Number
MA40E7R/S
MA40S4R/S
MA40B8R/S
MA40B7
MA40E7S-1
MA40S5
MA40E8-2
MA40MF14-1B
Construction
Waterproof type
Open structure type
Waterproof type Open structure type
Waterproof type
Using Method
Receiver and Transmitter (Dual use) type
Combined use type
Nominal Frequency (kHz)
40
Overall Sensitivity
(dB)
——
—
–45
+4
–5
—
–50 ± 4
—
—
Sensitivity
(dB)
–74 min.
–63 ± 3
–63 ± 3
—
–72 min.
—
–85 min.
–87 min.
Sound Pressure
(dB)
106 min.
120 ± 3
120 ± 3
—
106 min.
—
106 min.
103 min.
Directivity
(deg)
100
80
50
44
75
70
75
110 x 50
Capacitance
(pF)
2200 ± 20%
2550 ± 20%
2000 ± 20%
2000 ± 20%
2200 ± 20%
2550 ± 20%
2800 ± 20%
4000 ± 20%
Operating Temp. Range(°C)
–30 ~ +85
–40 ~ +85
–30 ~ +85
–40 ~ +85
–30 ~ +85
Detectable Range
(m)
0.2 ~ 3
0.2 ~ 4
0.2 ~ 6
0.2 ~ 4
0.2 ~ 3
0.2 ~ 2.5
0.2 ~ 1.5
0.2 ~ 1.5
Resolution
(mm)
9
Dimension
(mm)
18 x 12h
9.9 x 7.1h
16 x 12h
16 x 12h
9.9 x 7.1h
14 x 8h
Weight
(g)
4.5
0.7
2.0
2.0
4.5
0.7
2.4
2.4
Allowable Input
85 (40kHz)
20 (40kHz)
40 (40kHz)
100 (40kHz)
100Vpp
60 (40kHz)
160 (40kHz)
160Vpp
Voltage
(Vp-p) Pulse width 0.4ms
Continuous signal Continuous signal
Pulse width 0.4ms Pulse width 0.4ms Pulse width 0.4ms Pulse width 0.8ms Pulse width 0.8ms
(Rectangular wave)
Interval
100ms
Interval
100ms Interval
100ms Interval
100ms Interval
60ms Interval
60ms
Packaging Quantity (Pcs.)
90
540
150
150
90
540
80
150
OLD PART NUMBERING SYSTEM
MA40
(– )(R/S)
40kHz
B: 16mm dia.
MODEL
R: RECEIVER FOR DUAL TYPE
FAMILY
S: SMALL 10mm dia.
S: SENDER FOR DUAL TYPE
E: WATERPROOF
9.9
7.1
10
5
12.0
± 0.5
9.0
± 1.0
10.0
± 0.3
50
± 2 deg.
9
± 0.1
3
±0.1
14
± 0.1
12
±0.2
16
12
9
10
18
12
10
10
10.4
16
12
9
10
8
± 0.3
39.5
± 5
14
± 0.3
10.4
9.9
7.1
10
5
MA
40MF
14
-1N
-M
PRODUCT ID
SERIES
CHARACTERISTICS
INDIVIDUAL
PACKAGING
SPECIFICATION
CODE
*Global Part Number shows only an example which might be different from actual part number.
*Any other definitions than “Product ID” might have different digit numbers from actual Global Part Number.
NEW PART NUMBERING SYSTEM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com