Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3171 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3171
Description  QUICK CHARGE BUCK CONVERTER COMPATIBLE TO QUALCOMM QC 2.0
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3171 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3171 Datasheet HTML 1Page - Diodes Incorporated AP3171 Datasheet HTML 2Page - Diodes Incorporated AP3171 Datasheet HTML 3Page - Diodes Incorporated AP3171 Datasheet HTML 4Page - Diodes Incorporated AP3171 Datasheet HTML 5Page - Diodes Incorporated AP3171 Datasheet HTML 6Page - Diodes Incorporated AP3171 Datasheet HTML 7Page - Diodes Incorporated AP3171 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP3171
Document number: DS38006 Rev. 6 - 3
4 of 8
www.diodes.com
July 2020
© Diodes Incorporated
AP3171
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
10
40
V
TA
Ambient Temperature
-40
+85
°C
Electrical Characteristics (@ TA = +25°C, VCC = 16V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage
VST
Startup Voltage
8.4
8.7
9.0
V
UVLO
6.75
7.00
7.25
V
INO-LOAD
ICC @ No-load Condition
2
mA
CV/CC Control
VREF_12V
Voltage Control Loop Reference
11.7
12.0
12.3
V
VREF_9V
8.77
9.00
9.23
V
VREF_5V
4.92
5.00
5.08
V
VCABLE
Cable Compensation
RCABLE =17.6k,
RSENSE = 27.27m
400
mV
VCS_12V
Current Control Loop Reference
41.0
45.0
49.0
mV
VCS_9V
57.0
60.0
63.0
mV
VCS_5V
57.6
60.0
62.4
mV
Internal MOSFET
RDS(ON)_UP
High Side MOSFET RDS(ON)
100
m
RDS(ON)_LOW
Low Side MOSFET RDS(ON)
45
m
PWM And Oscillation
fS
Switching Frequency
120
kHz
DMAX
Maximum Duty
95
%
IDIS
Discharge Current@ OUT Pin
100
mA
Protection
VOVP_5V
Output OVP Threshold @5V
Note 6
5.63
5.80
5.97
V
VOVP_9V
Output OVP Threshold @9V
10.13
10.44
10.75
V
VOVP_12V
Output OVP Threshold @12V
13.51
13.92
14.33
V
VUVP_5V
Output UVP Threshold @5V
3.13
3.30
3.47
V
VUVP_9V
Output UVP Threshold @9V
5.63
5.94
6.24
V
VUVP_12V
Output UVP Threshold @12V
7.51
7.92
8.33
V
IPK_MAX
MOSFET Maximum IPEAK Limitation
4.0
A
Internal OTP
Internal OTP Trigger Temperature
+160
°C
Internal OTP Recovery Temperature
+140
°C
QC 2.0 protocol definition
VDAT_REF
Data Detect Voltage
0.25
0.325
0.40
V
VSEL_REF
VSEL_REF (Reference for Selecting
HVDCP Voltage)
1.8
2
2.2
V
tGLITCH_BC_DONE
D+ High Glitch Filter Time
1
1.25
1.5
s
tGLITCH_DM_LOW
D- Low Glitch Filter Time
Note 7
1
2.5
ms
Notes:
6. The value in table is only for IO=0A. If IO is not zero,the over voltage protection value needs to add cable compensation voltage.
7. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com